Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BXHF1090 Arkusz danych(PDF) 3 Page - API Delevan

Numer części BXHF1090
Szczegółowy opis  High Frequency Microwave Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  API [API Delevan]
Strona internetowa  http://www.delevan.com
Logo API - API Delevan

BXHF1090 Arkusz danych(HTML) 3 Page - API Delevan

  BXHF1090 Datasheet HTML 1Page - API Delevan BXHF1090 Datasheet HTML 2Page - API Delevan BXHF1090 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date: 9/17/2014
3
Input VSWR
Output VSWR
Typical Performance Graphs
Instructions
Outline Drawing
Grounding Instructions
Care should be taken to effectively ground each unit.
Revisions
API reserves the right to make revisions to both product and/or the information contained within their
datasheets without advanced notice.
Min./Max. Values
Specifications are guaranteed when tested in a 50 Ω (ohm) system.
Typical performance graphs and values are measured at 25
°C, but not guaranteed.
Frequency (GHz)
Frequency (GHz)
Model # BXHF1090
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
6789
10
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
6789
10



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com