Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BXHF1200 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BXHF1200 Datasheet

  • # Example questions: ➢ What is the minimum gain in db that can be expected from the model bxhf1200?
    ➢ What is the acceptable range for the supply voltage when operating the model bxhf1200?
    ➢ Within what temperature range can the model bxhf1200 be safely stored?

  • Part No.BXHF1200
    ManufacturerAPI
    Size217 Kbytes
    Pages3 pages
    DescriptionHigh Frequency Millimeter-wave Amplifier
    Datasheet Summary with AI

    # High Frequency Millimeter-wave Amplifier (Model # BXHF1200)

    ## General Description
    ️· Covers 35 GHz to 45 GHz frequency range.
    ️· Two-stage design with laser-sealed housing for environmental protection.
    ️· MIL-STD-883 screened version available (Model SXHF1200).
    ️· Specifications based on measurements in a 50-ohm system with DC supply voltage tolerance of +/- 2%.

    ## Technical Specifications
    ️· Frequency Range: 35 - 45 GHz
    ️· Gain: 34 dB (Min. 30 dB)
    ️· Noise Figure: 5.0 dB (Max. 6.0 dB)
    ️· Output Power @ 1 dB Compression: +17 dBm (Min. +15 dBm)
    ️· Output 3rd Order Intercept: +27 dBm
    ️· Output 2nd Order Intercept: +37 dBm
    ️· Reverse Isolation: 50 dB
    ️· Input VSWR: 1.75:1 (Max. 2.0:1)
    ️· Output VSWR: 1.75:1 (Max. 2.0:1)
    ️· Supply Voltage: +12 to +15 volts
    ️· Supply Current: 300 mA (325 mA)


    ## Mechanical & Electrical Characteristics
    ️· Housing Size: 1.500” L x 1.060” W x 0.300” H
    ️· RF Connectors: 2.4 mm Female Replaceable Connectors
    ️· Storage Temperature: -55°C to +85°C
    ️· Operating Temperature: -40°C to +85°C
    ️· DC Voltage @ 25°C: +18 volts
    ️· Input Drive @ 25°C (CW): -5 dBm

    ## Usage Instructions
    ️· Careful grounding is required.
    ️· Product revisions may occur without notice.
    ️· Specifications guaranteed in a 50-ohm system.
    ️· Typical values measured at 25°C, but not guaranteed.

    # High Frequency Millimeter-wave Amplifier (Model # BXHF1200)

    ## General Description
    ️· Covers 35 GHz to 45 GHz frequency range.
    ️· Two-stage design with laser-sealed housing for environmental protection.
    ️· MIL-STD-883 screened version available (Model SXHF1200).
    ️· Specifications based on measurements in a 50-ohm system with DC supply voltage tolerance of +/- 2%.

    ## Technical Specifications
    ️· Frequency Range: 35 - 45 GHz
    ️· Gain: 34 dB (Min. 30 dB)
    ️· Noise Figure: 5.0 dB (Max. 6.0 dB)
    ️· Output Power @ 1 dB Compression: +17 dBm (Min. +15 dBm)
    ️· Output 3rd Order Intercept: +27 dBm
    ️· Output 2nd Order Intercept: +37 dBm
    ️· Reverse Isolation: 50 dB
    ️· Input VSWR: 1.75:1 (Max. 2.0:1)
    ️· Output VSWR: 1.75:1 (Max. 2.0:1)
    ️· Supply Voltage: +12 to +15 volts
    ️· Supply Current: 300 mA (325 mA)

    ## Mechanical & Electrical Characteristics
    ️· Housing Size: 1.500” L x 1.060” W x 0.300” H
    ️· RF Connectors: 2.4 mm Female Replaceable Connectors
    ️· Storage Temperature: -55°C to +85°C
    ️· Operating Temperature: -40°C to +85°C
    ️· DC Voltage @ 25°C: +18 volts
    ️· Input Drive @ 25°C (CW): -5 dBm

    ## Usage Instructions
    ️· Careful grounding is required.
    ️· Product revisions may occur without notice.
    ️· Specifications guaranteed in a 50-ohm system.
    ️· Typical values measured at 25°C, but not guaranteed.

    Part No.BXHF1200
    ManufacturerAPI
    Size217 Kbytes
    Pages3 pages
    DescriptionHigh Frequency Millimeter-wave Amplifier