Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BXHF1202 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BXHF1202 Datasheet

  • # Example questions: ➢ What is the typical gain provided by the bxhf1202 model?
    ➢ What type of rf connectors are used with the bxhf1202?
    ➢ Within what temperature range can the bxhf1202 be operated without causing damage?

  • Part No.BXHF1202
    ManufacturerAPI
    Size536 Kbytes
    Pages3 pages
    DescriptionHigh Frequency Microwave Amplifier
    Datasheet Summary with AI

    # Model # BXHF1202 - High Frequency Microwave Amplifier

    ## Features

    ️· Frequency Range: 8-12 GHz
    ️· Gain: 27 dB
    ️· Housing: Laser welded for environmental protection
    ️· Voltage Regulation: Internal voltage regulator
    ️· RoHS Compliant Option: Model BXHF1202LF
    ️· MIL-STD-883 screened version available (Model #SXHF1202)

    ## Technical Specifications

    ️· Frequency Range: 8-12 GHz
    ️· Gain: 26-27 dB
    ️· Noise Figure: 3.0-4.0 dB
    ️· Output Power @ 1 dB Compression: 24 dBm
    ️· Output 3rd Order Intercept: 30 dBm
    ️· Output 2nd Order Intercept: 35 dBm
    ️· Reverse Isolation: -40 dB

    ️· Input VSWR: 1.8:1 to 2.0:1
    ️· Output VSWR: 1.8:1 to 2.0:1
    ️· Supply Voltage: +12 to +15 volts
    ️· Supply Current: 450-500 mA

    ## Mechanical & Electrical

    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -55°C to +85°C
    ️· Housing Size: 1.500” L x 1.060” W x 0.300” H
    ️· RF Connectors: SMA Female (replaceable)

    ## Instructions

    ️· Grounding: Effective grounding is required.
    ️· Revisions: Datasheet revisions may occur without notice.
    ️· Typical Values: Measured at 25°C, but not guaranteed.

    # Model # BXHF1202 - High Frequency Microwave Amplifier

    ## Features

    ️· Frequency Range: 8-12 GHz
    ️· Gain: 27 dB
    ️· Housing: Laser welded for environmental protection
    ️· Voltage Regulation: Internal voltage regulator
    ️· RoHS Compliant Option: Model BXHF1202LF
    ️· MIL-STD-883 screened version available (Model #SXHF1202)

    ## Technical Specifications

    ️· Frequency Range: 8-12 GHz
    ️· Gain: 26-27 dB
    ️· Noise Figure: 3.0-4.0 dB
    ️· Output Power @ 1 dB Compression: 24 dBm
    ️· Output 3rd Order Intercept: 30 dBm
    ️· Output 2nd Order Intercept: 35 dBm
    ️· Reverse Isolation: -40 dB
    ️· Input VSWR: 1.8:1 to 2.0:1
    ️· Output VSWR: 1.8:1 to 2.0:1
    ️· Supply Voltage: +12 to +15 volts
    ️· Supply Current: 450-500 mA

    ## Mechanical & Electrical

    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -55°C to +85°C
    ️· Housing Size: 1.500” L x 1.060” W x 0.300” H
    ️· RF Connectors: SMA Female (replaceable)

    ## Instructions

    ️· Grounding: Effective grounding is required.
    ️· Revisions: Datasheet revisions may occur without notice.
    ️· Typical Values: Measured at 25°C, but not guaranteed.

    Part No.BXHF1202
    ManufacturerAPI
    Size536 Kbytes
    Pages3 pages
    DescriptionHigh Frequency Microwave Amplifier