Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DRV612 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DRV612_15 Datasheet

  • # Example questions: ➢ What are the recommended capacitor values for the charge pump flying capacitor and the vss capacitor, and why are low-esr capacitors preferred for these applications?
    ➢ What is the primary advantage of the drv612's directpath amplifier architecture compared to conventional line-driver amplifiers, and how does it achieve this?
    ➢ What happens if the gain pin of the drv612 is left unconnected (open)? what gain is selected in this scenario?

  • Part No.DRV612_15
    ManufacturerTI
    Size934 Kbytes
    Pages24 pages
    Description2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
    Datasheet Summary with AI

    # DRV612 2-Vrms DirectPath™ Line Driver

    ## Features

    ️· Single-ended input and output
    ️· Programmable gain (13 settings)
    ️· 2-Vrms output into 600-Ω load
    ️· Eliminates DC-blocking capacitors
    ️· Active mute with >80dB attenuation
    ️· Short circuit and thermal protection
    ️· ±8-kV HBM ESD protection

    ## Description

    The DRV612 is a single-ended, 2-Vrms stereo line driver designed to reduce component count, board space, and cost. It operates from a single supply (3.0-3.6V) and utilizes DirectPath™ technology, integrating a charge pump to generate a negative supply rail for clean, pop-free, ground-biased output.

    ## Key Electrical Characteristics

    ️· Supply Voltage (VDD): 3.0-3.6V
    ️· Output Voltage: 2 Vrms into 600Ω load
    ️· THD+N: <0.003% @ 10kΩ load, -1x gain
    ️· SNR: >105dB @ -1x gain
    ️· ESD Protection: ±8 kV HBM

    ## Gain Settings

    ️· Programmable via external resistor
    ️· Gain values: -2x to -10x (see datasheet for specific values)

    ## Applications

    ️· PDP/LCD TV
    ️· DVD Players
    ️· Mini/Micro Combo Systems
    ️· Soundcards

    ## Pinout

    ️· Refer to datasheet for detailed pin assignments (including VDD, GND, input, output, gain select, mute).

    ## Important Notes

    ️· Requires external charge pump capacitor (1 µF typical) and decoupling capacitors.
    ️· ESD sensitive - handle with appropriate precautions.
    ️· Internal undervoltage protection circuitry present.

    # DRV612 2-Vrms DirectPath™ Line Driver

    ## Features

    ️· Single-ended input and output
    ️· Programmable gain (13 settings)
    ️· 2-Vrms output into 600-Ω load
    ️· Eliminates DC-blocking capacitors
    ️· Active mute with >80dB attenuation
    ️· Short circuit and thermal protection
    ️· ±8-kV HBM ESD protection

    ## Description

    The DRV612 is a single-ended, 2-Vrms stereo line driver designed to reduce component count, board space, and cost. It operates from a single supply (3.0-3.6V) and utilizes DirectPath™ technology, integrating a charge pump to generate a negative supply rail for clean, pop-free, ground-biased output.

    ## Key Electrical Characteristics

    ️· Supply Voltage (VDD): 3.0-3.6V
    ️· Output Voltage: 2 Vrms into 600Ω load
    ️· THD+N: <0.003% @ 10kΩ load, -1x gain
    ️· SNR: >105dB @ -1x gain
    ️· ESD Protection: ±8 kV HBM

    ## Gain Settings

    ️· Programmable via external resistor
    ️· Gain values: -2x to -10x (see datasheet for specific values)

    ## Applications

    ️· PDP/LCD TV
    ️· DVD Players
    ️· Mini/Micro Combo Systems
    ️· Soundcards

    ## Pinout

    ️· Refer to datasheet for detailed pin assignments (including VDD, GND, input, output, gain select, mute).

    ## Important Notes

    ️· Requires external charge pump capacitor (1 µF typical) and decoupling capacitors.
    ️· ESD sensitive - handle with appropriate precautions.
    ️· Internal undervoltage protection circuitry present.

    Part No.DRV612_15
    ManufacturerTI
    Size934 Kbytes
    Pages24 pages
    Description2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain