Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DRV612 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części DRV612
Szczegółowy opis  2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DRV612 Arkusz danych(HTML) 3 Page - Texas Instruments

  DRV612_15 Datasheet HTML 1Page - Texas Instruments DRV612_15 Datasheet HTML 2Page - Texas Instruments DRV612_15 Datasheet HTML 3Page - Texas Instruments DRV612_15 Datasheet HTML 4Page - Texas Instruments DRV612_15 Datasheet HTML 5Page - Texas Instruments DRV612_15 Datasheet HTML 6Page - Texas Instruments DRV612_15 Datasheet HTML 7Page - Texas Instruments DRV612_15 Datasheet HTML 8Page - Texas Instruments DRV612_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
De Pop
GAIN
Control
Current
Limit
Charge Pump
Thermal
Limit
Left
Right
Power
Management
Current
Limit
DRV612
www.ti.com
SLOS690B
– DECEMBER 2010 – REVISED APRIL 2011
SYSTEM BLOCK DIAGRAM
ORDERING INFORMATION(1)
TA
PACKAGE
DESCRIPTION
DRV612PW
14-pin TSSOP
–40°C to 85°C
DRV612RGT
16-pin QFN
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
THERMAL INFORMATION
DRV612
DRV612
THERMAL METRIC(1)
UNITS
RGT (16-Pin)
PW (14-Pin)
θJA
Junction-to-ambient thermal resistance
52
130
θJCtop
Junction-to-case (top) thermal resistance
71
49
θJB
Junction-to-board thermal resistance
26
63
°C/W
ψJT
Junction-to-top characterization parameter
3.0
3.6
ψJB
Junction-to-board characterization parameter
26
62
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :DRV612



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com