Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UT54ACS02E Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about UT54ACS02E Datasheet

  • # Example questions: ➢ What are the differences in operating voltage ranges for the ut54acs02e and ut54acts02e devices, as indicated in the provided datasheets?
    ➢ What lead finishes are available, and what does 'x' signify when specified in an order?
    ➢ What is the purpose of specifying a 'device type' (02 or 03) when ordering, and what radiation tolerance testing is associated with each type?

  • Part No.UT54ACS02E
    ManufacturerAEROFLEX
    Size130 Kbytes
    Pages11 pages
    DescriptionQuadruple 2-Input NOR Gate
    Datasheet Summary with AI

    1. Device Overview & Product Series:

    ️· Devices Covered: UT54ACS02E, UT54ACTS02E
    ️· Type: These are radiation-hardened CMOS logic devices. The "UT" prefix is characteristic of Aeroflex Colorado Springs (now part of Microchip) devices.
    ️· Functionality (implied): While the exact functionality isn't directly stated, based on the naming convention, these devices likely perform some logic functions within a larger system. They are typically part of a larger chip, and datasheet sections are often focused on the characteristics necessary for integrating them.

    2. Key Data Sheet Sections & Contents:

    ️· Packaging: This includes both Flatpack (ceramic) and SMD (Surface Mount Device) options. It details lead finish specifications (Nickel plating, Gold plating optional), and how to interpret the marking of the lead finish.
    ️· Device Type Designation: This alphanumeric code is critical for complete ordering. Breakdown:
    - 02: Limited radiation tolerance (3E5 rads(Si) or 5E6 rads(Si))
    - 03: Wider radiation tolerance (1E5 rads(Si) to 5E5 rads(Si))
    ️· Total Dose Radiation: Indicates the level of radiation the device is designed to withstand.
    - R: 1E5 rads(Si)
    - F: 3E5 rads(Si)
    - G: 5E5 rads(Si)
    - H: 1E6 rads(Si)
    ️· MIL Standards: These devices are built to stringent military standards (MIL-STD-883).
    ️· Data Sheet Status Definitions:
    - Advanced Data Sheet - Product In Development: Likely a draft for internal review.
    - Preliminary Data Sheet - Shipping Prototype: Not yet fully qualified; used for initial testing.
    - Data Sheet - Shipping QML & Reduced Hi-Rel: Fully qualified according to military specifications and ready for production. (QML = Qualified for Military Listing)

    3. Key Electrical and Timing Characteristics (from various sections):

    ️· Input/Output Voltages: The actual values are not provided but implied to be standard CMOS logic levels.
    ️· Propagation Delays: The "tPLH" and "tPHL" parameters specify these delays.
    - tPLH (Low-Level Output to High-Level Output): Ranges from 1-15 ns (at 3.0V - 3.6V) to 1-9 ns (at 4.5V - 5.5V)
    - tPHL (High-Level Output to Low-Level Output): Ranges from 1-17 ns (at 3.0V - 3.6V) to 1-9 ns (at 4.5V - 5.5V)
    ️· Power Dissipation: Details on the power consumption of the chip when in use.
    ️· Input/Output Capacitances (CIN, COUT): Measures of capacitance which impact speed and overall circuit performance.

    4. Radiation Hardness Characteristics:

    ️· These devices are designed to operate reliably under exposure to radiation, which is critical for aerospace, military, and other applications.
    ️· Specific radiation testing is performed according to MIL-STD-883 (Method 3019, Condition A), which involves exposing the device to radiation and verifying its functionality.

    5. Important Notes and Ordering Information:

    ️· Lead Finish is Critical: You *must* specify the lead finish when ordering (A = Solder, C = Gold).
    ️· Radiation Tolerance is Key: The total dose radiation level must be specified when ordering.
    ️· QML Requirement: QML qualification (QML Class Q or QML Class V) requires radiation hardening.

    1. Device Overview & Product Series:

    ️· Devices Covered: UT54ACS02E, UT54ACTS02E
    ️· Type: These are radiation-hardened CMOS logic devices. The "UT" prefix is characteristic of Aeroflex Colorado Springs (now part of Microchip) devices.
    ️· Functionality (implied): While the exact functionality isn't directly stated, based on the naming convention, these devices likely perform some logic functions within a larger system. They are typically part of a larger chip, and datasheet sections are often focused on the characteristics necessary for integrating them.

    2. Key Data Sheet Sections & Contents:

    ️· Packaging: This includes both Flatpack (ceramic) and SMD (Surface Mount Device) options. It details lead finish specifications (Nickel plating, Gold plating optional), and how to interpret the marking of the lead finish.
    ️· Device Type Designation: This alphanumeric code is critical for complete ordering. Breakdown:
    - 02: Limited radiation tolerance (3E5 rads(Si) or 5E6 rads(Si))
    - 03: Wider radiation tolerance (1E5 rads(Si) to 5E5 rads(Si))
    ️· Total Dose Radiation: Indicates the level of radiation the device is designed to withstand.
    - R: 1E5 rads(Si)
    - F: 3E5 rads(Si)
    - G: 5E5 rads(Si)
    - H: 1E6 rads(Si)
    ️· MIL Standards: These devices are built to stringent military standards (MIL-STD-883).
    ️· Data Sheet Status Definitions:
    - Advanced Data Sheet - Product In Development: Likely a draft for internal review.
    - Preliminary Data Sheet - Shipping Prototype: Not yet fully qualified; used for initial testing.
    - Data Sheet - Shipping QML & Reduced Hi-Rel: Fully qualified according to military specifications and ready for production. (QML = Qualified for Military Listing)

    3. Key Electrical and Timing Characteristics (from various sections):

    ️· Input/Output Voltages: The actual values are not provided but implied to be standard CMOS logic levels.
    ️· Propagation Delays: The "tPLH" and "tPHL" parameters specify these delays.
    - tPLH (Low-Level Output to High-Level Output): Ranges from 1-15 ns (at 3.0V - 3.6V) to 1-9 ns (at 4.5V - 5.5V)
    - tPHL (High-Level Output to Low-Level Output): Ranges from 1-17 ns (at 3.0V - 3.6V) to 1-9 ns (at 4.5V - 5.5V)
    ️· Power Dissipation: Details on the power consumption of the chip when in use.
    ️· Input/Output Capacitances (CIN, COUT): Measures of capacitance which impact speed and overall circuit performance.

    4. Radiation Hardness Characteristics:

    ️· These devices are designed to operate reliably under exposure to radiation, which is critical for aerospace, military, and other applications.
    ️· Specific radiation testing is performed according to MIL-STD-883 (Method 3019, Condition A), which involves exposing the device to radiation and verifying its functionality.

    5. Important Notes and Ordering Information:

    ️· Lead Finish is Critical: You *must* specify the lead finish when ordering (A = Solder, C = Gold).
    ️· Radiation Tolerance is Key: The total dose radiation level must be specified when ordering.
    ️· QML Requirement: QML qualification (QML Class Q or QML Class V) requires radiation hardening.

    Part No.UT54ACS02E
    ManufacturerAEROFLEX
    Size130 Kbytes
    Pages11 pages
    DescriptionQuadruple 2-Input NOR Gate