Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UT54ACS02E Arkusz danych(PDF) 5 Page - Aeroflex Circuit Technology

Numer części UT54ACS02E
Szczegółowy opis  Quadruple 2-Input NOR Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AEROFLEX [Aeroflex Circuit Technology]
Strona internetowa  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS02E Arkusz danych(HTML) 5 Page - Aeroflex Circuit Technology

  UT54ACS02E Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS02E Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
AC ELECTRICAL CHARACTERISTICS FOR THE UT54ACS02E2
(VDD = 3.0V to 5.5V; VSS = 0V
1, -55
C < T
C < +125C)
Notes:
1. Maximum allowable relative shift equals 50mV.
2. All specifications valid for the maximum radiation dose available for the respective device types.
SYMBOL
PARAMETER
CONDITION
VDD
MINIMUM
MAXIMUM
UNIT
tPLH
Input to Yn
CL = 50pF
3.0V to 3.6V
1
15
ns
4.5V to 5.5V
1
7
tPHL
Input to Yn
CL = 50pF
3.0V to 3.6V
1
17
ns
4.5V to 5.5V
1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com