Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QPD1014S2 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about QPD1014S2 Datasheet

  • # Example questions: ➢ At 1 ghz, what are the values for zs(1fo) and zl(2fo)?
    ➢ What is the primary trend observed in the 'gain and pae vs. output power' graphs as output power increases?
    ➢ How does the performance (gain and pae) at 0.8 ghz compare to the performance at 1 ghz?

  • Part No.QPD1014S2
    ManufacturerTRIQUINT
    Size2Mb
    Pages21 pages
    DescriptionGaN RF Input-Matched Transistor
    Datasheet Summary with AI

    # QPD1014

    ## GaN RF Input-Matched Transistor

    General Description
    The QPD1014 is a 15W (P3dB), 50Ω input-matched GaN on SiC HEMT operating from 30MHz to 1200MHz on a 50V supply rail. It is suitable for basestation, radar and communications applications and supports both CW and pulsed modes. It's housed in a 6x5mm surface mount DFN package.

    Features
    ️· Frequency: 30 to 1200 MHz
    ️· Output Power (P3dB): 12.5 W
    ️· Linear Gain: 18.4 dB
    ️· Typical PAE3dB: 69.5%
    ️· Operating Voltage: 50 V
    ️· Low thermal resistance package
    ️· CW and Pulse capable
    ️· Package: 6 x 5 mm

    Absolute Maximum Ratings
    ️· Breakdown Voltage: +145 V
    ️· Gate Voltage Range: -8 to +2 V
    ️· Drain Current: 1 A
    ️· RF Input Power: +31 dBm
    ️· Channel Temperature: 275 °C
    ️· Storage Temperature: -40 to +150 °C

    Recommended Operating Conditions
    ️· Operating Temp: -40 to +85 °C
    ️· Drain Voltage: +12 to +55 V
    ️· Drain Bias Current: 25 mA
    ️· Channel Temperature: 250 °C

    RF Performance (Typical)
    ️· Linear Gain: 18.4 dB @ 1 GHz
    ️· P3dB: 12.5 W @ 1 GHz
    ️· PAE3dB: 69.5% @ 1 GHz
    ️· Mismatch Ruggedness: 10:1 VSWR @ 1000 MHz

    Package Information
    ️· Type: 8-Pin DFN (6x5x0.85mm)
    ️· Pinout: Refer to datasheet for detailed pin assignments.

    Thermal Resistance
    ️· 9.0 °C/W (at 3W power dissipation)

    # QPD1014

    ## GaN RF Input-Matched Transistor

    General Description
    The QPD1014 is a 15W (P3dB), 50Ω input-matched GaN on SiC HEMT operating from 30MHz to 1200MHz on a 50V supply rail. It is suitable for basestation, radar and communications applications and supports both CW and pulsed modes. It's housed in a 6x5mm surface mount DFN package.

    Features
    ️· Frequency: 30 to 1200 MHz
    ️· Output Power (P3dB): 12.5 W
    ️· Linear Gain: 18.4 dB
    ️· Typical PAE3dB: 69.5%
    ️· Operating Voltage: 50 V
    ️· Low thermal resistance package
    ️· CW and Pulse capable
    ️· Package: 6 x 5 mm

    Absolute Maximum Ratings
    ️· Breakdown Voltage: +145 V
    ️· Gate Voltage Range: -8 to +2 V
    ️· Drain Current: 1 A
    ️· RF Input Power: +31 dBm
    ️· Channel Temperature: 275 °C
    ️· Storage Temperature: -40 to +150 °C

    Recommended Operating Conditions
    ️· Operating Temp: -40 to +85 °C
    ️· Drain Voltage: +12 to +55 V
    ️· Drain Bias Current: 25 mA
    ️· Channel Temperature: 250 °C

    RF Performance (Typical)
    ️· Linear Gain: 18.4 dB @ 1 GHz
    ️· P3dB: 12.5 W @ 1 GHz
    ️· PAE3dB: 69.5% @ 1 GHz
    ️· Mismatch Ruggedness: 10:1 VSWR @ 1000 MHz

    Package Information
    ️· Type: 8-Pin DFN (6x5x0.85mm)
    ️· Pinout: Refer to datasheet for detailed pin assignments.

    Thermal Resistance
    ️· 9.0 °C/W (at 3W power dissipation)

    Part No.QPD1014S2
    ManufacturerTRIQUINT
    Size2Mb
    Pages21 pages
    DescriptionGaN RF Input-Matched Transistor