Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QPD1014S2 Arkusz danych(PDF) 9 Page - TriQuint Semiconductor

Numer części QPD1014S2
Szczegółowy opis  GaN RF Input-Matched Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIQUINT [TriQuint Semiconductor]
Strona internetowa  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1014S2 Arkusz danych(HTML) 9 Page - TriQuint Semiconductor

Back Button QPD1014S2 Datasheet HTML 5Page - TriQuint Semiconductor QPD1014S2 Datasheet HTML 6Page - TriQuint Semiconductor QPD1014S2 Datasheet HTML 7Page - TriQuint Semiconductor QPD1014S2 Datasheet HTML 8Page - TriQuint Semiconductor QPD1014S2 Datasheet HTML 9Page - TriQuint Semiconductor QPD1014S2 Datasheet HTML 10Page - TriQuint Semiconductor QPD1014S2 Datasheet HTML 11Page - TriQuint Semiconductor QPD1014S2 Datasheet HTML 12Page - TriQuint Semiconductor QPD1014S2 Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
QPD1014
15W, 50V, 30
– 1200 MHz, GaN RF Input-Matched Transistor
Rev. A
- 9 of 21 -
Disclaimer: Subject to change without notice
© 2016 Qorvo
www.qorvo.com
Load Pull Smith Charts1, 2
Notes:
1.
Vd = 50 V, IDQ = 25 mA, Temp = +25 °C.
2.
See page 16 for load pull and source pull reference planes.
1000 MHz, Load-pull
42.5
42.3
42.1
41.9
41.7
20.4
19.9
19.4
18.9
18.4
71.9
69.9
67.9
65.9
63.9
Max Power is 42.7dBm
at Z = 53.156+26.241i
= 0.2932+0.2143i
Max Gain is 20.8dB
at Z = 23.723+80.627i
= 0.6092+0.5516i
Max PAE is 72.6%
at Z = 51.785+65.475i
= 0.5071+0.3789i
Zo = 33.4
3dB Compression Referenced to Peak Gain
Zs(1fo) = 44.56-11.21i
Zs(2fo) = 36.73-18.96i
Zl(2fo) = 97.51+90.93i
Power
Gain
PAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com