Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z86L9900100ZCO Arkusz danych (PDF) - Zilog, Inc.

Z86L9900100ZCO Datasheet PDF - Zilog, Inc.
Numer części Z86L9900100ZCO
Pobierz  Z86L9900100ZCO Pobierz
Rozmiar pliku   27.03 Kbytes
Page   2 Pages
Producent  ZILOG [Zilog, Inc.]
Strona internetowa  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Szczegółowy opis Z86L9900100ZCO Evaluation Board for Z86L99 IR Controllers

Z86L9900100ZCO Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
Z86L9900100ZCO Datasheet PDF - Zilog, Inc.

Numer części Z86L9900100ZCO
Pobierz  Z86L9900100ZCO Click to download

Rozmiar pliku   27.03 Kbytes
Page   2 Pages
Producent  ZILOG [Zilog, Inc.]
Strona internetowa  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Szczegółowy opis Z86L9900100ZCO Evaluation Board for Z86L99 IR Controllers

Z86L9900100ZCO Arkusz danych (HTML) - Zilog, Inc.


Z86L9900100ZCO Szczegóły Produktu

Architectural Overview
The Z86L972/Z86L973/Z86L974 family is designed to be used in a wide variety of embedded control applications including home appliances, infrared (IR) remote controls, security systems, and wireless keyboards.
   
Features
• Two independent analog comparators
• Controlled current output
• 489 bytes of RAM
    – 233 bytes of general-purpose register-based RAM
    – 256 bytes of RAM mapped into the program memory space that can be
        used as data RAM or executable RAM
• 4K/8K/16K bytes of ROM
   
Counter/Timers
• Special architecture to automate generation and reception of complex pulses
    or signals:
    – Programmable 8-bit counter/timer (T8) with two 8-bit capture registers and
        two 8-bit load registers
    – Programmable 16-bit counter/timer (T16) with one 16-bit capture register
        pair and one 16-bit load register pair
    – Programmable input glitch filter for pulse reception
• One general-purpose 8-bit counter/timer (T1) with 6-bit prescaler
   
Input/Output and Interrupts
• Thirty-two I/Os, twenty-nine of which are bidirectional I/Os with programmable
    resistive pull-up transistors (24 I/Os are available in the 28-pin configuration)
• Sixteen I/Os are selectable as stop-mode recovery sources
• Six interrupt vectors with nine interrupt sources
    – Three external sources
    – Two comparator interrupts
    – Three timer interrupts
    – One low-battery detector flag
   
Operating Characteristics
• 8-MHz operation
• 2.3 V to 5.5 V operating voltage
• Low power consumption with three standby modes:
    – Stop   
    – Halt
    – Low Voltage Standby
• Low-battery detection flag
• Low-voltage protection circuit (also known as VBO, or voltage brownout,
    circuit)
• Watch-dog timer and power-on reset circuits
   
User-Programmable Option Bits
• Clock source—RC/other (LC, resonator, or crystal)
• Watch-dog timer permanently enable
• 32-kHz crystal
• Port 20–27 pull-up resistive transistor
• Port 40–42 pull-up resistive transistor
• Port 44–47 pull-up resistive transistor
• Port 50–51 pull-up resistive transistor
• Port 54–57 pull-up resistive transistor
• Port 60–63 pull-up resistive transistor
• Port 64–67 pull-up resistive transistor
   




Podobny numer części - Z86L9900100ZCO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zilog, Inc.
Z86L9900100ZC0 ZILOG-Z86L9900100ZC0 Datasheet
280Kb / 38P
Evaluation Board IR Controllers
More results


Podobny opis - Z86L9900100ZCO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Zilog, Inc.
Z86L9900100ZC0 ZILOG-Z86L9900100ZC0 Datasheet
280Kb / 38P
Evaluation Board IR Controllers
logo
Cirrus Logic
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
Evaluation Board for CS4352
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
Evaluation Board for CS4361
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
EVALUATION BOARD FOR G
REV. 0
logo
Analog Technologies, In...
TEC14MEV1.0 ANALOGTECHNOLOGIES-TEC14MEV1.0 Datasheet
1Mb / 8P
Evaluation Board for TEC Controllers
6/9/2022
TECEV104 ANALOGTECHNOLOGIES-TECEV104 Datasheet
1Mb / 8P
Evaluation Board for TEC Controllers
1/29/2022
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com