Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NTE943 Arkusz danych (PDF) - NTE Electronics

NTE943 Datasheet PDF - NTE Electronics
Numer części NTE943
Pobierz  NTE943 Pobierz
Rozmiar pliku   35.15 Kbytes
Page   5 Pages
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics
Szczegółowy opis Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator

NTE943 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
NTE943 Datasheet PDF - NTE Electronics

Numer części NTE943
Pobierz  NTE943 Click to download

Rozmiar pliku   35.15 Kbytes
Page   5 Pages
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics
Szczegółowy opis Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator

NTE943 Arkusz danych (HTML) - NTE Electronics


NTE943 Szczegóły Produktu

Description:
The NTE943, NTE943M, and NTE943SM consist of two independent precision voltage comparators with an offset voltage speciication as low as 2.0mV max for two comparators which were designed specifically to operate from a single power supply over a wid range of voltages. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. These comparators alos have a unique characteristic in that the input common–mode voltage range includesground, even though operated from a single powe supply voltage.

Features:
● Wide Single Supply
    Volatge Range: 2.0V to 36V
    Dual Supplies: ±1.0V to ±18V
● Low Supply Current Drain (0.8mA) – Independent of Supply Voltage (1.0mW/Comparator at 5V)
● Low Input Biasing Current: 25nA
● Low Input Offset Current: ±5nA
● Maximum Offset Voltage: ±3mV
● Input Common–Mode Voltage Range Includes Ground
● Differential Input Voltage Range Equal to the Power Supply Voltage
● Low Output Saturation Voltage: 240mV @ 4mA
● Output Voltge Compatible with TTL, DTL, ECL, MOS, and CMOS Logic Sytems
● Available in 3 Different Case Styles:
    8–Lead Metal Can: NTE943
    8–Lead Mini DIP: NTE943M
    8–Lead SOIC (Surface Mount): NTE943SM




Podobny numer części - NTE943

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE94 NTE-NTE94 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage Switch
logo
List of Unclassifed Man...
NTE9402 ETC1-NTE9402 Datasheet
32Kb / 1P
MISCELLAMEOUS INTEGRATED CIRCUITS
NTE9403 ETC1-NTE9403 Datasheet
32Kb / 1P
MISCELLAMEOUS INTEGRATED CIRCUITS
logo
NTE Electronics
NTE941 NTE-NTE941 Datasheet
25Kb / 3P
Integrated Circuit Operational Amplifier
NTE941D NTE-NTE941D Datasheet
23Kb / 3P
Integrated Circuit Operational Amplifier
More results


Podobny opis - NTE943

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE834 NTE-NTE834 Datasheet
26Kb / 3P
Integrated Circuit Low Power Low Offset Voltage Comparator
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
NTE Electronics
NTE911 NTE-NTE911 Datasheet
78Kb / 3P
Integrated Circuit Dual Voltage Comparator
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331 Datasheet
221Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331_09 Datasheet
774Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
Diodes Incorporated
AP393 DIODES-AP393_10 Datasheet
189Kb / 15P
LOW POWER LOW OFFSET VOLTAGE DUAL
DS31006 Rev. 8 - 2
AP393A DIODES-AP393A_09 Datasheet
242Kb / 15P
LOW POWER LOW OFFSET VOLTAGE DUAL
AP393A Rev. 7
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331_10 Datasheet
708Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
Texas Instruments
LM339-MIL TI1-LM339-MIL Datasheet
1Mb / 23P
Low-Power Low-Offset Voltage Quad Comparator
logo
Diodes Incorporated
AS331 DIODES-AS331 Datasheet
863Kb / 10P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
May 2021 Rev. 2 - 2
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com