| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 List of Unclassifed Man... |
88981133
|
1Mb / 5P |
16 digital inputs (including 4 High Speed, 8 analog 0-10 V / potentiometers and 4 analog 0-10 V / 4-20 mA)
|
 PHOENIX CONTACT |
2701954
|
56Kb / 3P |
INTERBUS-ST analog output module, 4 outputs, 0 - 10 V, 짹10 V, 0 - 20 mA, 4 - 20 mA, comprising: Moduleelectronics only
|
|
2726285
|
185Kb / 6P |
Inline analog input terminal block, without accessories, 2 inputs, 0-20 mA, 4-20 mA, 20 mA, 0-10 V, 10 V, 2-wire connection method
|
|
2727831
|
149Kb / 6P |
Inline analog input terminal, without accessories, 8 inputs, 0-20 mA, 4-20 mA, 짹20 mA, 0-10 V, 짹10 V, (also 0-40 mA, 짹40 mA, 0-5 V, 짹5 V, 0-25 V, 짹25 V, 0-50 V), 2-conductor connection method
|
|
2740818
|
176Kb / 6P |
Inline analog input terminal block, without accessories, 2 inputs, 0-20 mA, 4-20 mA, 짹20 mA, 0-10 V, 짹10 V, 3 dB base frequency at 230 Hz, 2-wire connection method
|
|
2750594
|
94Kb / 5P |
INTERBUS-ST analog input module, 4 inputs, 4 - 20 mA, 0 - 10 V, IP20 protection, consisting of: Terminal part with spring-cage connection and module electronics
|
|
2754309
|
144Kb / 5P |
INTERBUS-ST analog input module, 4 inputs, 0 - 20 mA, 0 - 10 V, IP20 protection, consisting of: Terminal part with screw connection and module electronics
|
 Schneider Electric |
RMCN22BD
|
131Kb / 6P |
Harmony Analog, Isolated analog converter, 0... 10 V or 4...20 mA to 0...10 V or 4...20 mA
Sep 13, 2021 |
 WAGO Kontakttechnik Gmb... |
753-553
|
609Kb / 12P |
4-channel analog output; 0 ??20 mA
|
 Schneider Electric |
RMCV60BD
|
132Kb / 6P |
Harmony analog, Isolated analog converter, 0.. 500 V voltage to 0....10 V or 4..20 mA
Sep 13, 2021 |