| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 PHOENIX CONTACT |
2688093
|
133Kb / 7P |
Axioline special function module, 2 counter inputs, 2 incremental encoder inputs (including bus base module and connectors)
|
|
2702071
|
237Kb / 15P |
Axioline F digital input and output module, 8 inputs, 24 V DC, 8 outputs, 24 V DC, 500 mA, 2-, 3-conductor connection technology
|
|
2867322
|
130Kb / 4P |
Analog /digital module for 2 digital inputs/outputs and 1 analog input/output
|
|
2688064
|
254Kb / 20P |
Axioline F analog input module, 8 inputs, 2-wire connection method
|
|
2688381
|
218Kb / 14P |
Axioline F digital output module, 8 outputs, 24 V DC, 2 A, 2-wire connection technology
|
|
2688527
|
251Kb / 24P |
Axioline F analog output module, 4 outputs
|
 Schneider Electric |
TM3AM6
|
172Kb / 6P |
module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019 |
|
TM3AM6G
|
171Kb / 6P |
module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019 |
|
TM3AM6G
|
198Kb / 8P |
Input/output analog module, Modicon TM3, 4 inputs, 2 output (spring) 24 VDC
Apr 4, 2022 |
|
BMXAMO0210
|
149Kb / 5P |
isolated analog output module X80 - 2 outputs
Apr 18, 2022 |