Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSC6331ME1BA-T Arkusz danych (PDF) - Microchip Technology

DSC6331ME1BA-T Datasheet PDF - Microchip Technology
Numer części DSC6331ME1BA-T
Pobierz  DSC6331ME1BA-T Pobierz
Rozmiar pliku   457.21 Kbytes
Page   28 Pages
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Szczegółowy opis Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum

DSC6331ME1BA-T Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
DSC6331ME1BA-T Datasheet PDF - Microchip Technology

Numer części DSC6331ME1BA-T
Pobierz  DSC6331ME1BA-T Click to download

Rozmiar pliku   457.21 Kbytes
Page   28 Pages
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Szczegółowy opis Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum

DSC6331ME1BA-T Arkusz danych (HTML) - Microchip Technology


DSC6331ME1BA-T Szczegóły Produktu

General Description
The DSA63xx series of clock generators uses a proven silicon MEMS technology to provide excellent frequency stability over a wide range of temperatures as well as small size. Available in three different package sizes with operating current as low as 3 mA, the smallest 4-pin package is a mere 1.6 mm x 1.2 mm in size. The devices support up to ±2.5% or –3% spread spectrum that can achieve up to 15 dB electromagnetic interference (EMI) reduction. Because of industry standard package and pin options, customers can solve last minute EMI problems simply by placing the new DSA63xx on their current board layout with no redesign required.
The DSA63xx family is available in 1.6 mm x 1.2 mm and 2.0 mm x 1.6 mm, and 2.5 mm x 2.0 mm packages. These packages are “drop-in” replacements for standard 4-pin CMOS quartz crystal oscillators.

Features
• Automotive AEC-Q100 Qualified
• Output Frequency: 1 MHz to 100 MHz LVCMOS
• Spread Spectrum Options:
   - Center-Spread: ±0.25%, ±0.5%, ±1.0%,
      ±1.5%, ±2.0%, ±2.5%
   - Down-Spread: –0.25%, –0.5%, –1.0%,
      –1.5%, –2.0%, –3.0%
• Ultra-Low Power Consumption: 3 mA (Active),
   1 μA (Standby)
• Wide Supply Voltage Range: 1.71V ~ 3.63V VDD
• Wide Temperature Range:
   - Automotive Grade 1: –40°C to +125°C
   - Automotive Grade 2: –40°C to +105°C
   - Automotive Grade 3: –40°C to +85°C
• Ultra-Small Package Sizes:
   - 1.6 mm x 1.2 mm
   - 2.0 mm x 1.6 mm
   - 2.5 mm x 2.0 mm
• Excellent Shock and Vibration Immunity
   - Qualified to MIL-STD-883
• High Reliability
   - 20x Better MTBF than Quartz Oscillators
• Lead Free and RoHS Compliant

Applications
• Automotive Infotainment
• Automotive ADAS
• Automotive Camera Module

Benefits
• Replace High-Temperature Crystals and Quartz Oscillators




Podobny numer części - DSC6331ME1BA-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
DSC6331ME1BB-001.0000B MICROCHIP-DSC6331ME1BB-001.0000B Datasheet
479Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
DSC6331ME1BB-001.0000T MICROCHIP-DSC6331ME1BB-001.0000T Datasheet
479Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
More results


Podobny opis - DSC6331ME1BA-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mercury United Electron...
HM572RD05 MERCURY-HM572RD05 Datasheet
121Kb / 1P
Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
logo
Microchip Technology
DSC61XX MICROCHIP-DSC61XX Datasheet
307Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
DSC60XX MICROCHIP-DSC60XX Datasheet
308Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
logo
SiTime Corp.
SIT9003 SITIME-SIT9003 Datasheet
444Kb / 9P
Low Power Spread Spectrum Oscillator
logo
Microchip Technology
DSC63XXB MICROCHIP-DSC63XXB Datasheet
479Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
DSC60XXB MICROCHIP-DSC60XXB Datasheet
335Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC61XXB MICROCHIP-DSC61XXB Datasheet
330Kb / 24P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSA60XX MICROCHIP-DSA60XX Datasheet
429Kb / 26P
Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
DSA61XX MICROCHIP-DSA61XX Datasheet
416Kb / 24P
Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
DSA63XX MICROCHIP-DSA63XX Datasheet
588Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillatorwith Spread Spectrum for Automotive
08/15/18
More results




O Microchip Technology


Microchip Technology to amerykańska firma półprzewodników, która została założona w 1989 roku.
Firma zapewnia szeroką gamę produktów mikrokontrolerów, analogowych, pamięci i bezpieczeństwa dla różnych aplikacji na rynkach motoryzacyjnych, przemysłowych i konsumenckich.
Microchip jest jednym z największych dostawców mikrokontrolerów na świecie i jest znany ze swojej wiedzy w zakresie projektowania o niskiej mocy i skupienia się na technologiach oszczędzania energii.
Firma zapewnia również narzędzia programistyczne i oprogramowanie, które pomagają klientom projektować i prototypować ich produkty.
Microchip ma działalność w ponad 70 krajach, a jego produkty są wykorzystywane w szerokiej gamie zastosowań.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com