Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC-15-E350 Arkusz danych (PDF) - Kemet Corporation

SC-15-E350 Datasheet PDF - Kemet Corporation
Numer części SC-15-E350
Pobierz  SC-15-E350 Pobierz
Rozmiar pliku   97.22 Kbytes
Page   1 Pages
Producent  KEMET [Kemet Corporation]
Strona internetowa  http://www.kemet.com
Logo KEMET - Kemet Corporation
Szczegółowy opis KEMET, SC, AC Line Filters, Common Mode, 3500 uH

SC-15-E350 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
SC-15-E350 Datasheet PDF - Kemet Corporation

Numer części SC-15-E350
Pobierz  SC-15-E350 Click to download

Rozmiar pliku   97.22 Kbytes
Page   1 Pages
Producent  KEMET [Kemet Corporation]
Strona internetowa  http://www.kemet.com
Logo KEMET - Kemet Corporation
Szczegółowy opis KEMET, SC, AC Line Filters, Common Mode, 3500 uH

SC-15-E350 Arkusz danych (HTML) - Kemet Corporation


SC-15-E350 Szczegóły Produktu

Overview
The KEMET SC coils are common mode chokes with a wide variety of characteristics. These toroidal coils are designed with our proprietary ferrite cores and are useful in various noise countermeasure fields.

Benefits
• Proprietary 5H, 7H and 10H ferrite material and equivalents
• Suitable for ≥ 150 kHz range
• Wide variety of sizes and specifications
• Operating temperature range from −25°C to +105°C or +120°C
• UL 94 V–2 or V–0 flame retardant rated cap

Applications
• Audio-visual equipment
• Home appliances
• Power supplies




Podobny numer części - SC-15-E350

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
SC-15-E350 KEMET-SC-15-E350 Datasheet
1Mb / 17P
Common Mode SC Coils, Standard Series
SC-15-E350H KEMET-SC-15-E350H Datasheet
1Mb / 17P
Common Mode SC Coils, Standard Series
More results


Podobny opis - SC-15-E350

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
SCF-05-350 KEMET-SCF-05-350 Datasheet
76Kb / 1P
KEMET, SCF, AC Line Filters, Common Mode, 3500 uH
SC-15-35JH KEMET-SC-15-35JH Datasheet
129Kb / 1P
KEMET, SC-JH, AC Line Filters, Common Mode, 3500 uH
SC-04-200 KEMET-SC-04-200 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 2000 uH
SC-10-340 KEMET-SC-10-340 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 3400 uH
SC-12-300 KEMET-SC-12-300 Datasheet
78Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 3000 uH
SC-15-01H KEMET-SC-15-01H Datasheet
77Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 67 uH
SC-08-200B KEMET-SC-08-200B Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 2000 uH
SC-10-500 KEMET-SC-10-500 Datasheet
77Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 5000 uH
SC-20-201 KEMET-SC-20-201 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 2000 uH
SC-05-103 KEMET-SC-05-103 Datasheet
78Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 1000 uH
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com