| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 Fairchild Semiconductor |
FAN4860
|
814Kb / 15P |
3MHz, 5V Output Synchronous TinyBoost??Regulator
|
|
FAN48610
|
1Mb / 13P |
2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
|
 ON Semiconductor |
FAN4860
|
1Mb / 21P |
3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1 |
|
FAN48610
|
775Kb / 12P |
2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5 |
|
FAN48614
|
527Kb / 4P |
Fixed-Output Synchronous TinyBoost Regulator
July 2015 Rev. 1.4 |
|
FAN48615
|
1Mb / 12P |
Fixed-Output Synchronous TinyBoost Regulator
September 2016 Rev. 1.0 |
|
FAN48617
|
1Mb / 11P |
Fixed-Output Synchronous TinyBoost Regulator
August 2016 Rev.1.0 |
|
FAN48619
|
1Mb / 12P |
Fixed-Output Synchronous TinyBoost Regulator
December 2015 Rev. 1.0 |
|
FAN4868
|
309Kb / 12P |
3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3 |
|
FAN48695
|
620Kb / 14P |
Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1 |