| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 Artesyn Technologies |
CXA10
|
50Kb / 2P |
10W DC/DC Converters
|
 Schneider Electric |
DL1BDB1
|
95Kb / 1P |
WHITE LED BA15D 24VAC/DC
Aug 11, 2019 |
|
DL1BDB3
|
96Kb / 1P |
GREEN LED BA15D 24VAC/DC
Aug 11, 2019 |
|
DL1BDG1
|
96Kb / 1P |
WHITE LED BA15D 120VAC
Aug 10, 2019 |
|
DL1BDG3
|
88Kb / 1P |
GREEN LED BA15D 120VAC
Aug 10, 2019 |
|
DL1BDG4
|
88Kb / 1P |
RED LED BA15D 120VAC
Aug 10, 2019 |
|
DL1BDG6
|
96Kb / 1P |
BLUE LED BA15D 120VAC
Aug 10, 2019 |
|
DL1BEM
|
72Kb / 1P |
INCANDESCENT 7W 230VAC/DC BA15D
Aug 10, 2019 |
|
DL1BLM
|
79Kb / 2P |
INCANDESCNT 10W 230VAC/DC BA15D
Sep 13, 2021 |
|
DL1BDB6
|
96Kb / 1P |
BLUE LED BA15D 24VAC/DC
Aug 11, 2019 |