| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 List of Unclassifed Man... |
8E1011-Z
|
516Kb / 2P |
LEVER LOCK TOGGLE SWITCHES
|
 Copal Electronics |
ATE4
|
578Kb / 6P |
Subminiature Toggle Switch With Locking Lever
|
 PHOENIX CONTACT |
1836887
|
90Kb / 3P |
Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
|
|
1837611
|
91Kb / 3P |
Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
|
 HARTING Technology Grou... |
09-20-010-5402
|
468Kb / 2P |
Han 10A-Cover-Plastic 2Pins, f Easy-Lock
|
|
09-20-016-5425
|
470Kb / 2P |
Han 16A/25EMV-AK f. Easy-Lock Protection cover
|
|
09-20-032-5405
|
465Kb / 2P |
Han 32A-Dust Protect. Cover-f. Easy-Lock Protection cover
|
|
09-30-000-9986
|
463Kb / 2P |
Locking element easy lock double lever
2021-10-01 |
|
09-30-000-9987
|
467Kb / 2P |
Locking element f. metal lever w. cord
2021-10-01 |
|
09-14-000-9960
|
474Kb / 2P |
Locking element 20/block
2021-10-01 |