| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 OptoSupply Internationa... |
OSXX0603C1E
|
449Kb / 7P |
1..6 x 0..8 x 0..6mm SMD
|
|
OSXX1608C1A
|
624Kb / 14P |
1..6 x 0..8 x 0..4mm SMD
|
 Schneider Electric |
STBPDT3100K
|
113Kb / 5P |
standard power distribution kit STB - 24 V DC
Aug 11, 2019 |
|
ABL8DCC05060
|
131Kb / 6P |
converter module 30 W - 24..28.8 V DC, 5 V DC - 6 A - for regulated SMPS
Mar 23, 2022 |
|
SR3XT61BD
|
224Kb / 6P |
Discrete I/O extension module, Zelio Logic, 6 I/O, 24 V DC
Mar 23, 2022 |
|
TM5SPDD12F
|
280Kb / 6P |
Common distribution module, Modicon TM5, 12 x 24 V DC
Apr 6, 2022 |
|
TM5SPDG12F
|
291Kb / 6P |
Common distribution module, Modicon TM5, 12 x 0 V DC
Apr 6, 2022 |
|
TM5SPDG6D6F
|
278Kb / 6P |
Power distribution module, Modicon TM5, common 6 x 0 V DC, 6 x 24 V DC
Apr 6, 2022 |
|
TM5SPS1
|
230Kb / 7P |
Power distribution module, Modicon TM5, for I/O 24 V DC
Apr 6, 2022 |
|
STBPDT3100K
|
138Kb / 5P |
standard power distribution kit STB - 24 V DC
Apr 7, 2022 |