Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HB2UFILTER Arkusz danych (PDF) - Hammond Manufacturing Ltd.

HB2UFILTER Datasheet PDF - Hammond Manufacturing Ltd.
Numer części HB2UFILTER
Pobierz  HB2UFILTER Pobierz
Rozmiar pliku   110.55 Kbytes
Page   1 Pages
Producent  HAMMOND [Hammond Manufacturing Ltd.]
Strona internetowa  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Szczegółowy opis Rack Mount Intake Blowers

HB2UFILTER Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
HB2UFILTER Datasheet PDF - Hammond Manufacturing Ltd.

Numer części HB2UFILTER
Pobierz  HB2UFILTER Click to download

Rozmiar pliku   110.55 Kbytes
Page   1 Pages
Producent  HAMMOND [Hammond Manufacturing Ltd.]
Strona internetowa  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Szczegółowy opis Rack Mount Intake Blowers

HB2UFILTER Arkusz danych (HTML) - Hammond Manufacturing Ltd.


HB2UFILTER Szczegóły Produktu

Features
Standard 19" rack mount
Air delivery from more than 50% of their 17" width
Internal neoprene isolation mounts reduce transmission of vibration to the rack
Air intake only, to pressurize the rack with filtered air
Heavy steel construction
Attractive 19" stainless steel grille included
115 VAC, 50/60 Hz. motor is UL recognized, CSA certified, ball bearing type, cooled by
incoming air
Includes permanent filter (replacement filters available below)
Comes with a 6ft STJ 3- wire cord
Optional replacement filters come in a pack of five (5).
TAA-compliant for GSA Schedule purchases.
RoHS Compliant.
Manufactured in North America.




Podobny numer części - HB2UFILTER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SL Power Electronics
HB2-3-A+ SLPOWER-HB2-3-A+ Datasheet
720Kb / 7P
Commercial/Medical International Linears
HB2-3-A+G SLPOWER-HB2-3-A+G Datasheet
374Kb / 7P
DC Power Supplies
logo
Nihon Kaiheiki Industry...
HB215SKG03CE-JB NKK-HB215SKG03CE-JB Datasheet
643Kb / 5P
Quiet Actuation Illuminated Pushbutton
HB215SKG03CE-JB NKK-HB215SKG03CE-JB Datasheet
136Kb / 4P
Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CE-JB ETC2-HB215SKG03CE-JB Datasheet
276Kb / 4P
Subminiature Audio/Video Pushbuttons
More results


Podobny opis - HB2UFILTER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ORION FANS
ODB5009-12HB ORIONFANS-ODB5009-12HB Datasheet
118Kb / 1P
DC Blowers
logo
List of Unclassifed Man...
B5015M ETC2-B5015M Datasheet
380Kb / 1P
DC BLOWERS
B5020L ETC2-B5020L Datasheet
345Kb / 1P
DC BLOWERS
UF133(91)APA12-H1S2A ETC2-UF133(91)APA12-H1S2A Datasheet
489Kb / 1P
AC BLOWERS
UF160DPB12-H1S2A ETC2-UF160DPB12-H1S2A Datasheet
430Kb / 1P
AC BLOWERS
logo
ebm-papst
QLN65AC EBMPAPST-QLN65AC Datasheet
72Kb / 1P
Tangential blowers
QLN65 EBMPAPST-QLN65 Datasheet
72Kb / 1P
Tangential blowers
logo
Copal Electronics
TF037C-2100-F COPAL-TF037C-2100-F Datasheet
208Kb / 6P
Blowers Outline
TF037E-2000-F COPAL-TF037E-2000-F Datasheet
254Kb / 8P
Blowers Outline
logo
Mechatronics, Inc.
UF160DPB MECHATRONICS-UF160DPB Datasheet
421Kb / 1P
AC BLOWERS
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com