Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AHVAHS2KV2X20MA Arkusz danych (PDF) - Analog Technologies, Inc.

AHVAHS2KV2X20MA Datasheet PDF - Analog Technologies, Inc.
Numer części AHVAHS2KV2X20MA
Pobierz  AHVAHS2KV2X20MA Pobierz
Rozmiar pliku   522.06 Kbytes
Page   6 Pages
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Szczegółowy opis High Voltage High Speed Amplifier/Piezo Driver

AHVAHS2KV2X20MA Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AHVAHS2KV2X20MA Datasheet PDF - Analog Technologies, Inc.

Numer części AHVAHS2KV2X20MA
Pobierz  AHVAHS2KV2X20MA Click to download

Rozmiar pliku   522.06 Kbytes
Page   6 Pages
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Szczegółowy opis High Voltage High Speed Amplifier/Piezo Driver

AHVAHS2KV2X20MA Arkusz danych (HTML) - Analog Technologies, Inc.


AHVAHS2KV2X20MA Szczegóły Produktu

MAIN FEATURES
 Built-in High Voltage Converter
 High Slew Rate: 800V/μs
 Bandwidth: Up to 1MHz
 High Current Capability: Up to 20mA
 Offset Voltage Range: 10V
 Wide Output Voltage Range: VOUT = 0 ~ 2kV@VIN = 24V
 Compact Size: 176.5(L)×147.0(W)×41.2(H) mm
 Weight: 2.2lb (1.0kg)

DESCRIPTION
The AHVAHS2KV2X20MA is an electronic module for
amplifying an analog input voltage into a high voltage output.
Figure 1 shows its physical photo. It comes with a high voltage
DC-DC converter, which converts the 24V input voltage into a
0 to 2kV output voltage. The analog output voltage can swing
almost from 0 to 2kV when it is powered by a 24V power
supply. There is three LEDs indicating if the amplifier works
properly.




Podobny numer części - AHVAHS2KV2X20MA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Technologies, In...
AHVA100V2X100MA ANALOGTECHNOLOGIES-AHVA100V2X100MA Datasheet
745Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA100V2X10MA ANALOGTECHNOLOGIES-AHVA100V2X10MA Datasheet
615Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA100V2X20MA ANALOGTECHNOLOGIES-AHVA100V2X20MA Datasheet
608Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA100V2X50MA ANALOGTECHNOLOGIES-AHVA100V2X50MA Datasheet
607Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA100V2X5MA ANALOGTECHNOLOGIES-AHVA100V2X5MA Datasheet
750Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
More results


Podobny opis - AHVAHS2KV2X20MA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Technologies, In...
AHVA100V2X100MA ANALOGTECHNOLOGIES-AHVA100V2X100MA Datasheet
745Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA100V2X10MA ANALOGTECHNOLOGIES-AHVA100V2X10MA Datasheet
615Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA100V2X20MA ANALOGTECHNOLOGIES-AHVA100V2X20MA Datasheet
608Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA100V2X50MA ANALOGTECHNOLOGIES-AHVA100V2X50MA Datasheet
607Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA100V2X5MA ANALOGTECHNOLOGIES-AHVA100V2X5MA Datasheet
750Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA1KV2X50MA ANALOGTECHNOLOGIES-AHVA1KV2X50MA Datasheet
526Kb / 6P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA250V2X40MA ANALOGTECHNOLOGIES-AHVA250V2X40MA Datasheet
625Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA2KV2X10MA ANALOGTECHNOLOGIES-AHVA2KV2X10MA Datasheet
592Kb / 8P
High Voltage Amplifier/Piezo Driver
1/20/2022
AHVA2KV2X50MA ANALOGTECHNOLOGIES-AHVA2KV2X50MA Datasheet
593Kb / 8P
High Voltage Amplifier/Piezo Driver
1/20/2022
AHVA500V2X5MA ANALOGTECHNOLOGIES-AHVA500V2X5MA Datasheet
498Kb / 6P
High Voltage Amplifier/Piezo Driver
7/13/2022
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com