Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEC18V15A Arkusz danych (PDF) - Analog Technologies, Inc.

TEC18V15A Datasheet PDF - Analog Technologies, Inc.
Numer części TEC18V15A
Pobierz  TEC18V15A Pobierz
Rozmiar pliku   415.37 Kbytes
Page   10 Pages
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Szczegółowy opis High Efficiency TEC Controller

TEC18V15A Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
TEC18V15A Datasheet PDF - Analog Technologies, Inc.

Numer części TEC18V15A
Pobierz  TEC18V15A Click to download

Rozmiar pliku   415.37 Kbytes
Page   10 Pages
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Szczegółowy opis High Efficiency TEC Controller

TEC18V15A Arkusz danych (HTML) - Analog Technologies, Inc.


TEC18V15A Szczegóły Produktu

FEATURES
 High Efficiency: ≥90%
 Maximum Output Current: 4A
 Maximum Output Voltage: ±VVPS
 Actual Object Temperature Monitoring
 High Stability: 0.01°C
 High Precision
 High Reliability
 Zero EMI
 Compact Size
 100 % lead (Pb)-free and RoHS compliant

DESCRIPTION
The TEC5V4A-D is an electronic module designed for
driving TECs (Thermo-Electric Coolers) with high stability in
regulating the object temperature, high energy efficiency, zero
EMI, and small package. Figure 1 is the photo of an actual
TEC5V4A-D.
The module provides interface components for users to
configure desired object temperature range, i.e. set-point
temperature range; maximum voltage across TEC, i.e.
maximum TEC voltage; and the compensation network. The
compensation network compensates the high order thermal
load and thus stabilizes the temperature control loop.
It provides these functions: thermistor T-R curve linearization,
temperature measurement and monitoring, temperature
control loop status indication, TEC voltage monitoring, power
up delay, and shut down.
The TEC5V4A-D comes with a high stability low noise 3.0V
voltage reference which can be used for setting the desired
object temperature by using a POT (Potentiometer) or a DAC
(Digital to Analog Converter). When using this reference for
setting the set-point temperature, the set-point temperature
error is independent of this reference voltage. This is because
the internal temperature measurement network also uses this
voltage as the reference, the errors in setting the temperature
and measuring the temperature cancel with each other, setting
the object temperature with higher stability. This reference
can also be utilized by an ADC (Analog to Digital Converter),
for the same reason, the measurement error will also be
independent of the reference voltage, resulting in a more
accurate measurement.




Podobny numer części - TEC18V15A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Technologies, In...
TEC18V15A ANALOGTECHNOLOGIES-TEC18V15A Datasheet
1,015Kb / 21P
High Voltage High Current TEC Controller
5/3/2022
TEC18V15A ANALOGTECHNOLOGIES-TEC18V15A Datasheet
429Kb / 9P
High Efficiency TEC Controller
4/28/2022
TEC18V15A ANALOGTECHNOLOGIES-TEC18V15A Datasheet
892Kb / 11P
High Efficiency TEC Controller
5/3/2022
TEC18V15A ANALOGTECHNOLOGIES-TEC18V15A Datasheet
821Kb / 9P
High Efficiency TEC Controller
4/28/2022
TEC18V15AD ANALOGTECHNOLOGIES-TEC18V15AD Datasheet
1,015Kb / 21P
High Voltage High Current TEC Controller
5/3/2022
More results


Podobny opis - TEC18V15A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TEC6A101-DN ETC2-TEC6A101-DN Datasheet
174Kb / 9P
HIGH EFFICIENCY TEC CONTROLLER
TEC-4A ETC2-TEC-4A Datasheet
131Kb / 8P
HIGH EFFICIENCY TEC CONTROLLER
TEC-A1LD ETC2-TEC-A1LD Datasheet
297Kb / 9P
HIGH EFFICIENCY TEC CONTROLLER
logo
Analog Technologies, In...
TEC14M5V3R5AS ANALOGTECHNOLOGIES-TEC14M5V3R5AS Datasheet
375Kb / 6P
High Efficiency Micro TEC Controller
1/29/2022
TEC5V4A-NT ANALOGTECHNOLOGIES-TEC5V4A-NT Datasheet
429Kb / 9P
High Efficiency TEC Controller
4/28/2022
TEC5V6A-D ANALOGTECHNOLOGIES-TEC5V6A-D Datasheet
892Kb / 11P
High Efficiency TEC Controller
5/3/2022
TEC5V6A-NT ANALOGTECHNOLOGIES-TEC5V6A-NT Datasheet
821Kb / 9P
High Efficiency TEC Controller
4/28/2022
TECA1-XV-XV-D ANALOGTECHNOLOGIES-TECA1-XV-XV-D Datasheet
525Kb / 16P
High Efficiency 2.5A TEC Controller
6/20/2022
TECA1-XV-XV-DAH ANALOGTECHNOLOGIES-TECA1-XV-XV-DAH Datasheet
511Kb / 16P
High Efficiency 2.5A TEC Controller
6/20/2022
TECA2-XV-XV-DAH ANALOGTECHNOLOGIES-TECA2-XV-XV-DAH Datasheet
427Kb / 7P
High Efficiency TEC Controller
1/29/2022
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com