Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SHT6.3X32PIGTAIL Arkusz danych (PDF) - Schurter Inc.

SHT6.3X32PIGTAIL Datasheet PDF - Schurter Inc.
Numer części SHT6.3X32PIGTAIL
Pobierz  SHT6.3X32PIGTAIL Pobierz
Rozmiar pliku   317.99 Kbytes
Page   4 Pages
Producent  SCHURTER [Schurter Inc.]
Strona internetowa  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Szczegółowy opis Axial Lead Fuse, 6.3x32 mm, 500 VAC, 400 VDC, 1-10 A, High Breaking Capacity up to 3500 A

SHT6.3X32PIGTAIL Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
SHT6.3X32PIGTAIL Datasheet PDF - Schurter Inc.

Numer części SHT6.3X32PIGTAIL
Pobierz  SHT6.3X32PIGTAIL Click to download

Rozmiar pliku   317.99 Kbytes
Page   4 Pages
Producent  SCHURTER [Schurter Inc.]
Strona internetowa  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Szczegółowy opis Axial Lead Fuse, 6.3x32 mm, 500 VAC, 400 VDC, 1-10 A, High Breaking Capacity up to 3500 A

SHT6.3X32PIGTAIL Arkusz danych (HTML) - Schurter Inc.


SHT6.3X32PIGTAIL Szczegóły Produktu

Technical Data
Rated Voltage 500 VAC, 63 - 400 VDC
Rated current 1 - 10 A
Breaking Capacity 3500 A - 20 kA
Characteristic Time-Lag T
Mounting Solder,THT
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category 40/085/21 acc. to IEC 60068-1
Material: Tube Ceramics
Material: Endcaps Nickel-Plated Copper Alloy
Material: Axial Leads Tin-Plated Copper
Unit Weight 3.54 g
Storage Conditions 0 °C to 60 °C, max. 70% r.h.
Product Marking , Type, Rated current, Rated Voltage,
Characteristic, Breaking capacity, Approvals
Solderability 245 °C / 3 sec acc. to IEC 60068-2-58,
Test Td
Resistance to Soldering Heat 260 °C / 10 sec acc. to IEC 60068-2-58,
Test Td




Podobny numer części - SHT6.3X32PIGTAIL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
SHT6.3X32 SCHURTER-SHT6.3X32 Datasheet
278Kb / 3P
Cartridge Fuse, 6.3x32 mm, 400 - 500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 1500 A
SHT6.3X32 SCHURTER-SHT6.3X32 Datasheet
313Kb / 4P
Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
SHT6.3X32 SCHURTER-SHT6.3X32 Datasheet
300Kb / 4P
Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
17.08.2020
SHT6.3X32 SCHURTER-SHT6.3X32 Datasheet
327Kb / 4P
Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
product selected for their own applications.
SHT6.3X32 SCHURTER-SHT6.3X32_18 Datasheet
313Kb / 4P
Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
More results


Podobny opis - SHT6.3X32PIGTAIL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
8020.5068 SCHURTER-8020.5068 Datasheet
271Kb / 3P
Cartridge Fuse, 6.3x32 mm, 500 VAC, 1-8A, High Breaking Capacity of 1500 A
SHT6.3X32 SCHURTER-SHT6.3X32 Datasheet
278Kb / 3P
Cartridge Fuse, 6.3x32 mm, 400 - 500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 1500 A
8020.5068.PT SCHURTER-8020.5068.PT Datasheet
255Kb / 3P
Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
SHF6.3X32 SCHURTER-SHF6.3X32 Datasheet
258Kb / 4P
Cartridge Fuse, 6.3x32 mm, 440 - 500 VAC, 63 - 500 VDC 1-32 A, High Breaking Capacity up to 1500 A
SHF6.3X32PIGTAIL SCHURTER-SHF6.3X32PIGTAIL Datasheet
258Kb / 3P
Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
SHT6.3X32 SCHURTER-SHT6.3X32_18 Datasheet
313Kb / 4P
Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
SHT6.3X32 SCHURTER-SHT6.3X32_V01 Datasheet
300Kb / 4P
Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
17.08.2020
6.3X32PIGTAIL SCHURTER-6.3X32PIGTAIL_V01 Datasheet
266Kb / 3P
Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity ??500 A
04.01.2022
SHT6.3X32 SCHURTER-SHT6.3X32_V02 Datasheet
327Kb / 4P
Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
product selected for their own applications.
SHF6.3X32 SCHURTER-SHF6.3X32_V01 Datasheet
313Kb / 4P
Cartridge Fuse, 6.3x32 mm, 500 VAC, 500 VDC 0.5 A-32 A, High Breaking Capacity ??1500 A
04.01.2022
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com