Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AO1376 Arkusz danych (PDF) - AiT Semiconductor Inc.

AO1376 Datasheet PDF - AiT Semiconductor Inc.
Numer części AO1376
Pobierz  AO1376 Pobierz
Rozmiar pliku   1172.91 Kbytes
Page   15 Pages
Producent  AITSEMI [AiT Semiconductor Inc.]
Strona internetowa  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Szczegółowy opis LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION SINGLE OPAMPS

AO1376 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AO1376 Datasheet PDF - AiT Semiconductor Inc.

Numer części AO1376
Pobierz  AO1376 Click to download

Rozmiar pliku   1172.91 Kbytes
Page   15 Pages
Producent  AITSEMI [AiT Semiconductor Inc.]
Strona internetowa  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Szczegółowy opis LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION SINGLE OPAMPS

AO1376 Arkusz danych (HTML) - AiT Semiconductor Inc.


AO1376 Szczegóły Produktu

DESCRIPTION
The AO1376 presents a new generation of low-noise
operational amplifier, offering outstanding dc
precision and ac performance. Rai-to-Rail input and
output, low offset (3.5mV, maximum), low noise
(8nV / Hz ), quiescent current of 1.1mA, and high
gain-bandwidth of 11MHz make AO1376 very
attractive for a variety of precision and portable
applications. In addition, this AO1376 has
reasonably wide supply range with excellent PSRR,
making it attractive for applications that run directly
from batteries without regulation.
The AO1376 (single) is available in SOT-25,
SC70-5 and SOP8 packages.

FEATURES
 Low Noise : 8nV/ Hz @10kHz
 Single-Supply Operation
 Supply Voltage: 2.1V to 5.5V
 Rail-to-Rail Input / Output
 Low Offset Voltage: 3.5mV (Max.)
 Gain-Bandwidth: 11MHz (Typ.)
 Low Input Bias Current: 1pA (Typ.)
 High Slew Rate: 9V/μs
 Settling Time to 0.1% with 2V Step: 0.3μs
 Quiescent Current: 1.1mA per Amplifier (Typ.)
 Operating Temperature: -40°C ~ +125°C
 Available in SOT-25, SC70-5 and SOP8
packages

APPLICATION
 ADC Buffer
 Audio Equipment
 Medical Instrumentation
 Handheld Test Equipment
 Active Filtering
 Sensor Signal Conditioning
 Battery-Powered Instrumentation




Podobny numer części - AO1376

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
AO1378 AITSEMI-AO1378 Datasheet
1,000Kb / 13P
1.8MHZ ZERO-DRIFT CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO1378E5R AITSEMI-AO1378E5R Datasheet
1,000Kb / 13P
1.8MHZ ZERO-DRIFT CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO1378E5VR AITSEMI-AO1378E5VR Datasheet
1,000Kb / 13P
1.8MHZ ZERO-DRIFT CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO1378M8R AITSEMI-AO1378M8R Datasheet
1,000Kb / 13P
1.8MHZ ZERO-DRIFT CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO1378M8VR AITSEMI-AO1378M8VR Datasheet
1,000Kb / 13P
1.8MHZ ZERO-DRIFT CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
More results


Podobny opis - AO1376

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Texas Instruments
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com