Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATH100KL2C Arkusz danych (PDF) - Analog Technologies, Inc.

ATH100KL2C Datasheet PDF - Analog Technologies, Inc.
Numer części ATH100KL2C
Pobierz  ATH100KL2C Pobierz
Rozmiar pliku   240.98 Kbytes
Page   5 Pages
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Szczegółowy opis High Stability Miniature Thermistor

ATH100KL2C Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ATH100KL2C Datasheet PDF - Analog Technologies, Inc.

Numer części ATH100KL2C
Pobierz  ATH100KL2C Click to download

Rozmiar pliku   240.98 Kbytes
Page   5 Pages
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Szczegółowy opis High Stability Miniature Thermistor

ATH100KL2C Arkusz danych (HTML) - Analog Technologies, Inc.


ATH100KL2C Szczegóły Produktu

MAIN FEATURES
 Glass Encapsulated for Long Term Stability & Reliability
 High Resistance Accuracy: 1%
 Maximum Temp. Range: -40℃ to 270℃
 Packaged in Extra Small Ring Lug
 100 % Lead (Pb)-free and RoHS Compliant

APPLICATION AREAS
Temperature sensing for laser diodes, optical components, etc.

DESCRIPTIONS
The ATH100KL2C is a thermistor assembly with a glass
encapsulated thermistor packaged in an extra compact ring
lug. The ATH100KL2C series thermistor consists of three
versions, ATH100KL2C, ATH100KL2CT70 and
ATH100KL2CT70S. The ATH100KL2C has bear leads
coated with copper, the ATH100KL2CT70S has the leads
covered by high temperature plastic tubing and sealed by
epoxy, while the ATH100KL2CT70 is the non-sealed version.
Comparing with conventional assemblies containing epoxy
encapsulated thermistors, and ATH100KL2C series
thermistor presents higher long term stability, higher
reliability and wider temperature range. In addition, it has a
small size and short response time.
The ATH100KL2C series thermistor can be used to measure
the temperatures of laser diodes, optical components, etc.,
with high accuracy and long term stability.
There are some differences among ATH100KL2A,
ATH100KL2B and ATH100KL2C. First, the ring sizes of
them are different. Second, the thermistor head in
ATH100KL2A is the same as ATH10KR8, while the heads
in ATH100KL2B and ATH100KL2C are the same as
ATH100K1R25. Last, the resistance temperature
characteristics in ATH100KL2B and ATH100KL2C are the
same, different from ATH100KL2A.




Podobny numer części - ATH100KL2C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ATH100KL2 ETC2-ATH100KL2 Datasheet
331Kb / 2P
High Stability Thermistor Assembly
logo
Analog Technologies, In...
ATH100KL2A ANALOGTECHNOLOGIES-ATH100KL2A Datasheet
217Kb / 3P
High Stability Thermistor Assembly
3/31/2021
ATH100KL2AT63 ANALOGTECHNOLOGIES-ATH100KL2AT63 Datasheet
217Kb / 3P
High Stability Thermistor Assembly
3/31/2021
ATH100KL2AT63S ANALOGTECHNOLOGIES-ATH100KL2AT63S Datasheet
217Kb / 3P
High Stability Thermistor Assembly
3/31/2021
ATH100KL2B ANALOGTECHNOLOGIES-ATH100KL2B Datasheet
242Kb / 6P
High Stability Miniature Thermistor
7/24/2015
More results


Podobny opis - ATH100KL2C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ATH10KR8 ETC2-ATH10KR8 Datasheet
301Kb / 2P
High Stability Miniature Thermistor
ATH100KR8 ETC2-ATH100KR8 Datasheet
288Kb / 3P
High Stability Miniature Thermistor
logo
Analog Technologies, In...
ATH100K1R25 ANALOGTECHNOLOGIES-ATH100K1R25 Datasheet
333Kb / 20P
High Stability Miniature Thermistor
4/9/2021
ATH100KL2B ANALOGTECHNOLOGIES-ATH100KL2B Datasheet
242Kb / 6P
High Stability Miniature Thermistor
7/24/2015
ATH10K1R0 ANALOGTECHNOLOGIES-ATH10K1R0 Datasheet
217Kb / 3P
High Stability Miniature Thermistor
3/31/2021
ATH10K1R25 ANALOGTECHNOLOGIES-ATH10K1R25 Datasheet
1Mb / 21P
High Stability Miniature Thermistor
4/9/2021
ATH10KHN10 ANALOGTECHNOLOGIES-ATH10KHN10 Datasheet
241Kb / 6P
High Stability Miniature Thermistor
3/31/2021
ATH10KHN4 ANALOGTECHNOLOGIES-ATH10KHN4 Datasheet
235Kb / 6P
High Stability Miniature Thermistor
3/31/2021
ATH10KHN6 ANALOGTECHNOLOGIES-ATH10KHN6 Datasheet
237Kb / 6P
High Stability Miniature Thermistor
3/31/2021
ATH10KL2C ANALOGTECHNOLOGIES-ATH10KL2C Datasheet
264Kb / 6P
High Stability Miniature Thermistor
3/31/2021
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com