Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AEL28V90VAC1 Arkusz danych (PDF) - Analog Technologies, Inc.

AEL28V90VAC1 Datasheet PDF - Analog Technologies, Inc.
Numer części AEL28V90VAC1
Pobierz  AEL28V90VAC1 Pobierz
Rozmiar pliku   321.82 Kbytes
Page   5 Pages
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Szczegółowy opis DC-AC Inverter

AEL28V90VAC1 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AEL28V90VAC1 Datasheet PDF - Analog Technologies, Inc.

Numer części AEL28V90VAC1
Pobierz  AEL28V90VAC1 Click to download

Rozmiar pliku   321.82 Kbytes
Page   5 Pages
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Szczegółowy opis DC-AC Inverter

AEL28V90VAC1 Arkusz danych (HTML) - Analog Technologies, Inc.


AEL28V90VAC1 Szczegóły Produktu

FEATURES
Transformer-less
Light weight
Single-ended output
High efficiency
Output voltage can be independent or dependant of the power
supply input voltage

APPLICATIONS
Driving an EL (Electroluminescent) lamp with high
efficiency.

DESCRIPTION
This inverter converts a low DC input voltage, 19V to 31V,
into a high AC output voltage, up to 90V, for driving a large
area, up to 70 square inch, EL lamp. It comes with an internal
POT (Potentiometer) for adjusting the output voltage
magnitude so that the brightness of the EL lamp can be
dimmed down when needed. In addition, an external 10kΩ
POT can also be used to dim the output further, if needed.
The inverter will work fine without connecting the external
POT.
Depending on the applications, there are 2 versions for the
output voltage control algorithms: the output voltage is
independent of the input voltage, AEL28V90VACR; or the
output voltage is dependant of the input voltage from the
power supply, AEL28V90VAC1. For the dependant version,
when setting the internal POT, or both internal and external
POTs, to the maximum angle, the relationship between the
input and output voltages is as following:
This version emulates unregulated inverter of which the
output voltage magnitude is proportional to the power supply
input voltage value. This type of inverter can be used to
replace unregulated transformer based inverter directly.
Another type of inverter, so-called regulated version, is
available for applications needing constant output voltage
magnitude regardless of the input voltage value. The output
voltage is solely set by the internal POT or the internal POT
combined with the external POT.
Both versions of the controllers have a built-in potentiometer
(POT), which can be used for adjusting the output voltage,
thus the brightness of the EL lamp. The relationship between
this POT and the output voltage is shown in Figure 3. In
addition, an external POT can also be used for dimming the
brightness further, the output voltage vs. the setting angle of
the external POT is shown in Figure 4. The maximum turning
angle of internal POT is 260°.




Podobny numer części - AEL28V90VAC1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
AEL20US05 XPPOWER-AEL20US05 Datasheet
197Kb / 8P
AC-DC Power Supplies
AEL20US05-L6 XPPOWER-AEL20US05-L6 Datasheet
752Kb / 6P
AC-DC Power Supplies
AEL20US12 XPPOWER-AEL20US12 Datasheet
197Kb / 8P
AC-DC Power Supplies
AEL20US12-L6 XPPOWER-AEL20US12-L6 Datasheet
752Kb / 6P
AC-DC Power Supplies
AEL20US15 XPPOWER-AEL20US15 Datasheet
197Kb / 8P
AC-DC Power Supplies
More results


Podobny opis - AEL28V90VAC1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
CXA-0271 TDK-CXA-0271 Datasheet
44Kb / 2P
DC-AC INVERTER UNIT
CXA-L0612-VJL TDK-CXA-L0612-VJL Datasheet
63Kb / 2P
DC-AC INVERTER UNIT
logo
Bel Fuse Inc.
700INV60-120-240-9G BEL-700INV60-120-240-9G Datasheet
1Mb / 9P
DC/AC INVERTER
logo
TDK Electronics
CXA-0308 TDK-CXA-0308 Datasheet
63Kb / 2P
DC-AC INVERTER UNIT
CXA-0535 TDK-CXA-0535 Datasheet
239Kb / 2P
DC/AC INVERTER UNIT
CXA-0543 TDK-CXA-0543 Datasheet
114Kb / 2P
DC/AC INVERTER UNIT
CXA-0549 TDK-CXA-0549 Datasheet
229Kb / 9P
DC/AC INVERTER UNIT
CXA-K0612-VSL TDK-CXA-K0612-VSL Datasheet
36Kb / 2P
DC-AC INVERTER UNIT
CXA-L0612 TDK-CXA-L0612 Datasheet
63Kb / 2P
DC-AC INVERTER UNIT
CXA-L0712-VJL TDK-CXA-L0712-VJL Datasheet
37Kb / 2P
DC-AC INVERTER UNIT
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com