| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 ON Semiconductor |
NTD4815NH
|
89Kb / 8P |
Power MOSFET 30 V, 35 A, Single N-Channel, DPAK/IPAK
December, 2006 ??Rev. 0 |
|
NTMS4705N
|
96Kb / 5P |
Power MOSFET 30 V, 12 A, Single N-Channel, SO-8
October, 2007 - Rev. 3 |
|
NTTFS6H860NL
|
138Kb / 6P |
MOSFET - Power, Single N-Channel 80 V, 20 m, 30 A
March, 2020 ??Rev. 0 |
|
NTTFS4C02N
|
212Kb / 8P |
MOSFET ??Power, Single, N-Channel, 8FL 30 V, 170 A
June, 2019 ??Rev. 7 |
|
NTMYS020N08LH
|
280Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
February, 2020-Rev. 0 |
|
NTTFS4C06N
|
206Kb / 8P |
MOSFET ??Power, Single, N-Channel, 8FL 30 V, 67 A
June, 2019 ??Rev. 1 |
|
NVMYS020N08LH
|
281Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
February, 2020 - Rev. 0 |
|
NVTYS003N03CL
|
344Kb / 8P |
MOSFET - Power, Single, N-Channel 30 V, 98 A
May, 2021 - Rev. 0 |
|
NVTYS004N03CL
|
343Kb / 8P |
MOSFET - Power, Single, N-Channel 30 V, 85 A
May, 2021 - Rev. 0 |
|
NVLJWS013N03CL
|
160Kb / 7P |
MOSFET - Power, Single N-Channel 30 V, 13 m, 35 A
June, 2022 - Rev. 1 |