Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SGS88719 Arkusz danych (PDF) - List of Unclassifed Manufacturers

SGS88719 Datasheet PDF - List of Unclassifed Manufacturers
Numer części SGS88719
Pobierz  SGS88719 Pobierz
Rozmiar pliku   56.38 Kbytes
Page   3 Pages
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers
Szczegółowy opis VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET

SGS88719 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
SGS88719 Datasheet PDF - List of Unclassifed Manufacturers

Numer części SGS88719
Pobierz  SGS88719 Click to download

Rozmiar pliku   56.38 Kbytes
Page   3 Pages
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers
Szczegółowy opis VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET

SGS88719 Arkusz danych (HTML) - List of Unclassifed Manufacturers


SGS88719 Szczegóły Produktu

ı PRECISE OUTPUT VOLTAG E (5V ± 4% )
ı VERY LOW DROPOUT VOLTAGE
ı OUTPUT CURRENT IN EXCESS OF 500mA
ı POWER-ON, POWER-OF F INFOR MATION
( RESET FUNCTI ON)
ı +80/‒80V LOAD DUMP PROTECTION
ı OVERVOLTAGE AND REVERSE VOLTAG E
PROTECTION
ı SHORT CIRCUIT PROTECTION AND
THERMAL SHUT-DOWN




Podobny numer części - SGS88719

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Surge Components
SGS SURGE-SGS Datasheet
364Kb / 2P
Standard, Long life down size and high ripple current
logo
Banner Engineering Corp...
SGS BANNER-SGS Datasheet
112Kb / 2P
Safety Grid System
logo
TT Electronics.
SGS-15 TTELEC-SGS-15 Datasheet
315Kb / 1P
AC/DC ENCLOSED POWER SUPPLY 15W
08/06/2020
SGS-25 TTELEC-SGS-25 Datasheet
269Kb / 1P
AC/DC ENCLOSED POWER SUPPLY 25W
08/06/2020
logo
SYNERGY MICROWAVE CORPO...
SGS-5-10 SYNERGY-SGS-5-10 Datasheet
327Kb / 6P
DOUBLE-BALANCED MICROWAVE MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 3 - 19 GHz
More results


Podobny opis - SGS88719

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L387A STMICROELECTRONICS-L387A Datasheet
81Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Oct-1991
L4922 STMICROELECTRONICS-L4922 Datasheet
50Kb / 6P
VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Jun-2000
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4947 STMICROELECTRONICS-L4947 Datasheet
57Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L4947PD STMICROELECTRONICS-L4947PD Datasheet
53Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L387A STMICROELECTRONICS-L387A_03 Datasheet
245Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
L387AH STMICROELECTRONICS-L387AH Datasheet
262Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
logo
ON Semiconductor
NCV4275C ONSEMI-NCV4275C Datasheet
143Kb / 15P
450 mA Low-Drop Voltage Regulator with Reset
January, 2014 ??Rev. 0
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com