Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R5F51406BDNE Arkusz danych (PDF) - Renesas Technology Corp

R5F51406BDNE Datasheet PDF - Renesas Technology Corp
Numer części R5F51406BDNE
Pobierz  R5F51406BDNE Pobierz
Rozmiar pliku   2110.81 Kbytes
Page   118 Pages
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Szczegółowy opis 48-MHz, 32-bit RX MCUs, on-chip FPU, 204 Coremark, up to 256-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 9 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply, Encryption functions (optional)

R5F51406BDNE Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
R5F51406BDNE Datasheet PDF - Renesas Technology Corp

Numer części R5F51406BDNE
Pobierz  R5F51406BDNE Click to download

Rozmiar pliku   2110.81 Kbytes
Page   118 Pages
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Szczegółowy opis 48-MHz, 32-bit RX MCUs, on-chip FPU, 204 Coremark, up to 256-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 9 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply, Encryption functions (optional)

R5F51406BDNE Arkusz danych (HTML) - Renesas Technology Corp


R5F51406BDNE Szczegóły Produktu

Features
■ 32-bit RXv2 CPU core
• Max. operating frequency: 48 MHz
Capable of 204 Coremark in operation at 48 MHz
• Enhanced DSP instructions: 32-bit multiply-accumulate instructions,
and 16-bit multiply-subtract instructions are supported.
• On-chip FPU: 32-bit single-precision floating point compliant with
IEEE-754
• On-chip divider that operated at the fastest of two clock cycles
• Fast interrupt
• CISC Harvard architecture with 5-stage pipeline
• Variable-length instructions, ultra-compact code
• On-chip debugging circuit
■ Low power design and architecture
• Operation from a single 1.8-V to 5.5-V supply
• Four low power consumption modes
• Low power timer (LPT) that operates during the software standby state
• Supply current
High-speed operating mode: 58 μA/MHz
Supply current in software standby mode: 0.25 μA (typ.) (Ta = 25°C)
• Recovery time from software standby mode: 6.2 μs (typ.) (Clock
Source: HOCO 32 MHz, Ta = 25°C)
■ On-chip flash memory for code
• 64 K/128 K/256 Kbytes size capacities
• User code is programmable by on-board programming.
• Programmable at 1.8 V
• For instructions and operands
■ On-chip data flash memory
• 4K/8 Kbytes (1,000,000 program/erase cycles (typ.))
• BGO (Background Operation)
■ On-chip SRAM, no wait states
• 16 K/32 K/64 Kbytes size capacities
■ DTC
• Five transfer modes
■ ELC
• Module operation can be initiated by event signals without using
interrupts.
• Linked operation between modules is possible while the CPU is sleeping.
■ Reset and supply management
• Seven types of reset, including the power-on reset (POR)
• Low voltage detection (LVD) with voltage settings
■ Clock functions
• External clock input frequency: Up to 20 MHz
• Main clock oscillator frequency: 1 to 20 MHz
• Sub clock oscillator frequency: 32.768 kHz
• PLL circuit input: 4 MHz to 12 MHz
• Low-speed on-chip oscillator: 4 MHz
• High-speed on-chip oscillator: 24/32/48 MHz ± 1%
• IWDT-dedicated on-chip oscillator: 15 kHz
• Generate a 32.768 kHz clock for the real-time clock
• On-chip clock frequency accuracy measurement circuit (CAC)
■ Realtime clock
• Adjustment functions (30 seconds, leap year, and error)
• Calendar count mode or binary count mode selectable
■ Independent watchdog timer
• 15-kHz on-chip oscillator produces a dedicated clock signal to drive
IWDT operation.
■ Useful functions for IEC60730 compliance
• Self-diagnostic and disconnection-detection assistance functions for
the A/D converter, clock frequency accuracy measurement circuit,
independent watchdog timer, RAM test assistance functions using the
DOC, etc.




Podobny numer części - R5F51406BDNE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
R5F51406BDNE RENESAS-R5F51406BDNE Datasheet
1Mb / 121P
Renesas MCUs
Rev.1.20 Nov 22, 2024
R5F51406BDNE#30 RENESAS-R5F51406BDNE#30 Datasheet
1Mb / 121P
Renesas MCUs
Rev.1.20 Nov 22, 2024
More results


Podobny opis - R5F51406BDNE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX130 RENESAS-RX130_V01 Datasheet
2Mb / 134P
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 512-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 6 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply
Aug 09, 2018
RX21A RENESAS-RX21A Datasheet
1Mb / 132P
50-MHz 32-bit RX MCUs, 78 DMIPS, 24-bit ΔΣ A/D Converter up to 512-KB flash memory, IrDA, 10-bit A/D, 10-bit D/A, DEU, ELC, MPC, RTC; up to 9 comms interfaces
Aug 28, 2014
RX111 RENESAS-RX111_V01 Datasheet
1Mb / 127P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
RX660 RENESAS-RX660 Datasheet
1Mb / 123P
120-MHz 32-bit RX MCU, on-chip FPU, 709 CoreMark, Supportive of 5V power supply, up to 1-MB flash memory, up to 128-KB SRAM, 32-KB data flash memory, various communications interfaces, including CAN FD,12-bit A/D converter
Mar 18, 2022
RX66T RENESAS-RX66T_V01 Datasheet
1Mb / 151P
160-MHz, 32-bit RX MCU, on-chip FPU, 928 CoreMark, Supportive of 5V power supply,up to 1-MB flash memory, up to 128-KB SRAM, 32-KB data flash memory, 16-KB SRAM with ECC
Apr 22, 2022
More results




O Renesas Technology Corp


Renesas Technology Corp jest japońską firmą półprzewodników, która zapewnia szeroką gamę mikrokontrolerów, systemów i urządzeń analogowych i energetycznych dla różnych zastosowań na rynkach motoryzacyjnych, przemysłowych i konsumenckich.
Firma została utworzona w 2010 roku poprzez połączenie NEC Electronics Corporation i Renesas Technology Corporation.
Renesas jest jednym z największych dostawców mikrokontrolerów na świecie i jest znany ze swojej wiedzy specjalistycznej w zakresie rozwoju zaawansowanych technologii w obszarach takich jak Internet of Things (IoT), sztuczna inteligencja (AI) i elektronika motoryzacyjna.
Firma prowadzi działalność w ponad 20 krajach, a jej produkty są wykorzystywane w szerokim zakresie aplikacji.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com