Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A4752 Arkusz danych (PDF) - AiT Semiconductor Inc.

A4752 Datasheet PDF - AiT Semiconductor Inc.
Numer części A4752
Pobierz  A4752 Pobierz
Rozmiar pliku   1189.61 Kbytes
Page   14 Pages
Producent  AITSEMI [AiT Semiconductor Inc.]
Strona internetowa  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Szczegółowy opis ANALOG SWITCH CMOS Two 4-Channel Multiplexer and Demultiplexer

A4752 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
A4752 Datasheet PDF - AiT Semiconductor Inc.

Numer części A4752
Pobierz  A4752 Click to download

Rozmiar pliku   1189.61 Kbytes
Page   14 Pages
Producent  AITSEMI [AiT Semiconductor Inc.]
Strona internetowa  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Szczegółowy opis ANALOG SWITCH CMOS Two 4-Channel Multiplexer and Demultiplexer

A4752 Arkusz danych (HTML) - AiT Semiconductor Inc.


A4752 Szczegóły Produktu

FEATURES
Low ON Resistance, 48Ω Typical at 5V Supply
3dB Bandwidth: 180MHz
Low Cross Talk Between Switches
Single Supply Operation +2.5V to +5.5V
Break Before Make Switching
Binary Address Decoding on Chip
Wide Operating T emp Range : 40°C to +125°C

DESCRIPTION FEATURES
The A4752 is digitally controlled analog switches that use silicon gate CMOS technology to achieve operating with low-power consumption of Standard CMOS integrated circuits.

This A4752 is a CMOS analog IC configured as two
4-channel multiplexers, operate from 2.5 V to 5.5 V.

The A4752 has low on-resistance (48Ω TYP) and
very low off-leakage current (1nA TYP).

The A4752 is available in SOP16, SSOP16, TSSOP16 and QFN16(3x3) packages.

APPLICATION
Digital Radio
Signal Gating
Factory Automation
Televisions
Appliances
Programmable Logic Circuits
Sensors
Analog and Digital Multiplexing/Demultiplexing
A/D and D/A Conversion




Podobny numer części - A4752

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
A4759 AITSEMI-A4759 Datasheet
1Mb / 13P
ANALOG SWITCH 4.5 LOW VOLTAGE SPDT
REV0.9 - OCT 2021
More results


Podobny opis - A4752

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
HCF4052M013TR STMICROELECTRONICS-HCF4052M013TR Datasheet
642Kb / 11P
DIFFERENT 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
October 2002
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Mar-2003
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
Dual 4-channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com