Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TB67B000FG Arkusz danych (PDF) - Toshiba Semiconductor

TB67B000FG Datasheet PDF - Toshiba Semiconductor
Numer części TB67B000FG
Pobierz  TB67B000FG Pobierz
Rozmiar pliku   349.5 Kbytes
Page   31 Pages
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Szczegółowy opis High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver

TB67B000FG Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
TB67B000FG Datasheet PDF - Toshiba Semiconductor

Numer części TB67B000FG
Pobierz  TB67B000FG Click to download

Rozmiar pliku   349.5 Kbytes
Page   31 Pages
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Szczegółowy opis High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver

TB67B000FG Arkusz danych (HTML) - Toshiba Semiconductor


TB67B000FG Szczegóły Produktu

Features
• A Controller and a high-voltage driver are integrated in a single package.
Sine-wave PWM drive or wide-angle commutation drive is selectable.
• IGBTs are arranged in three-phase bridge unit.
• Built-in oscillator circuit (carrier frequency = fosc/252 (Hz))
• Bootstrap circuitry: Built-in bootstrap diode
• Built-in overcurrent protection, thermal shutdown, undervoltage lockout, and motor-lock detection.
• Internal voltage regulator circuit (VREG = 7 V (typ.), 30 mA (max), Vrefout = 5 V (typ.), 35 mA (max))
• Operating power supply voltage range: VCC = 13.5 to 16.5 V
• Motor power supply operating voltage range: VBB = 50 to 450 V




Podobny numer części - TB67B000FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TB67B000AFG TOSHIBA-TB67B000AFG Datasheet
454Kb / 31P
TOSHIBA Bi-CMOS Power Integrated Circuit Multi-Chip Package (MCP)
2019-11-12
TB67B000AHG TOSHIBA-TB67B000AHG Datasheet
455Kb / 31P
TOSHIBA Bi-CMOS Power Integrated Circuit Multi-Chip Package (MCP)
2019-05-30
TB67B000HG TOSHIBA-TB67B000HG Datasheet
460Kb / 32P
High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
More results


Podobny opis - TB67B000FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TB6551F TOSHIBA-TB6551F Datasheet
230Kb / 18P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6556F TOSHIBA-TB6556F Datasheet
307Kb / 22P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6581H TOSHIBA-TB6581H Datasheet
383Kb / 14P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6581H TOSHIBA-TB6581H_06 Datasheet
584Kb / 15P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB67B000HG TOSHIBA-TB67B000HG Datasheet
460Kb / 32P
High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
TB6556FG TOSHIBA-TB6556FG_12 Datasheet
273Kb / 22P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6631FNG TOSHIBA-TB6631FNG Datasheet
784Kb / 28P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6634FNG TOSHIBA-TB6634FNG Datasheet
914Kb / 29P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6551FAG TOSHIBA-TB6551FAG Datasheet
374Kb / 21P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2012-09-28
TB6584AFNG TOSHIBA-TB6584AFNG Datasheet
670Kb / 27P
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2016-02-22
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com