Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HSPZA22SL Arkusz danych (PDF) - Littelfuse

HSPZA22SL Datasheet PDF - Littelfuse
Numer części HSPZA22SL
Pobierz  HSPZA22SL Pobierz
Rozmiar pliku   450.97 Kbytes
Page   2 Pages
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Szczegółowy opis Dedicated - Single Shot

HSPZA22SL Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
HSPZA22SL Datasheet PDF - Littelfuse

Numer części HSPZA22SL
Pobierz  HSPZA22SL Click to download

Rozmiar pliku   450.97 Kbytes
Page   2 Pages
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Szczegółowy opis Dedicated - Single Shot

HSPZA22SL Arkusz danych (HTML) - Littelfuse


HSPZA22SL Szczegóły Produktu

Description
The HSPZA22SL is a factory programmed module available
in any 1 of 13 standard functions. The HSPZA22SL offers dual
switch adjustable timer or counter functions. Switch adjustment
allows accurate selection of the time delay or number of counts
the first time and every time. The 1A steady, 10A inrush rated
solid-state output provides 100 million operations, typical. Its
microcontroller timing circuit provides excellent repeat accuracy
and stability. Encapsulation protects against shock, vibration,
and humidity. The HSPZA22SL is a cost effective approach for
OEM applications that require small size, solid state reliability,
and accurate switch adjustment.
Operation (Single Shot Lockout)
Upon application of input voltage and momentary or maintained
closure of S1, the output relay energizes and TD1 single shot
time delay begins. The output relay de-energizes at the end of
TD1 and the TD2 lockout time delay begins. During TD2 (and
TD1) closing switch S1 has no effect on the operation. After TD2
is complete, closing S1 starts another operation. If S1 is closed
when input voltage is applied, the output energizes and the TD1
time delay begins.
Reset: Removing input voltage resets the time delays and the
output and returns the cycle to the first delay.

FEATURES BENEFITS
Microcontroller based Repeat Accuracy + / - 0.1%
User selectable
time delay
Timing settings are switch selectable 0.1s - 1023h
in a dual switch timer function for added flexibility
1A steady, 10A inrush
solid-state output Provides 100 million operations in typical conditions.
Totally solid-state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity




Podobny numer części - HSPZA22SL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ohmite Mfg. Co.
HSP OHMITE-HSP Datasheet
236Kb / 1P
Hermetically Sealed, Precision
logo
Crydom Inc.,
HSP CRYDOM-HSP Datasheet
421Kb / 3P
Panel Mount
HSP CRYDOM-HSP Datasheet
291Kb / 2P
Panel Mount
logo
M-System Co.,Ltd.
HSP MSYSTEM-HSP Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
logo
Sensata Technologies, I...
HSP SENSATA-HSP Datasheet
288Kb / 2P
ACCESSORIES
More results


Podobny opis - HSPZA22SL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AAEON Technology
PER-T248 AAEON-PER-T248 Datasheet
130Kb / 1P
supports single-shot transmission
logo
Littelfuse
HRDS LITTELFUSE-HRDS Datasheet
701Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062116
KRD9 LITTELFUSE-KRD9 Datasheet
612Kb / 2P
Dedicated - Retriggerable Single Shot
2016 Rev: 1-A-062216
KRDS LITTELFUSE-KRDS Datasheet
525Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062216
ORS LITTELFUSE-ORS Datasheet
424Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062216
TSD94110SB LITTELFUSE-TSD94110SB Datasheet
204Kb / 1P
Time Delay Relays - Dedicated - Retriggerable Single Shot
2016 Rev: 1-A-062716
TSDS LITTELFUSE-TSDS Datasheet
516Kb / 2P
Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
TSS LITTELFUSE-TSS Datasheet
528Kb / 2P
Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
PRS65 LITTELFUSE-PRS65 Datasheet
309Kb / 1P
Dedicated - Single Shot
2016 Rev: 1-A-062716
THDS LITTELFUSE-THDS Datasheet
399Kb / 2P
Time Delay Relays / Dedicated - Single Shot
2016 Rev: 1-A-062216
More results




O Littelfuse


Litfelse to amerykańska firma specjalizująca się w projektowaniu i produkcji produktów ochrony obwodów i kontroli.
Firma została założona w 1927 roku i ma siedzibę w Chicago w stanie Illinois.
Litfeluse zapewnia szeroką gamę produktów, w tym bezpieczniki, urządzenia ochronne i kontrolne oraz produkty polimerowe.
Produkty firmy są wykorzystywane w różnych aplikacjach, takich jak elektronika motoryzacyjna, przemysłowa i konsumpcyjna.
Littelfuse jest znany ze swojej wiedzy specjalistycznej w zakresie technologii ochrony i kontroli obwodów oraz zdolności do dostarczania wysokiej jakości i niezawodnych produktów dla swoich klientów.
Firma ma działalność i obiekty w różnych krajach na całym świecie i ściśle współpracuje z klientami, aby zapewnić niestandardowe rozwiązania, które spełniają ich szczególne wymagania i potrzeby.
Oprócz podstawowej działalności, Litfeluse zapewnia również rozwiązania dla rynków energii odnawialnej i centrów danych.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com