Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSD3 Arkusz danych (PDF) - Littelfuse

KSD3 Datasheet PDF - Littelfuse
Numer części KSD3
Pobierz  KSD3 Pobierz
Rozmiar pliku   536.29 Kbytes
Page   2 Pages
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Szczegółowy opis Dedicated - Recycle

KSD3 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
KSD3 Datasheet PDF - Littelfuse

Numer części KSD3
Pobierz  KSD3 Click to download

Rozmiar pliku   536.29 Kbytes
Page   2 Pages
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Szczegółowy opis Dedicated - Recycle

KSD3 Arkusz danych (HTML) - Littelfuse


KSD3 Szczegóły Produktu

Description
The KSD3 Series Digi-Timer is a cost effective approach for
ON/OFF recycling applications. The on time is equal to the
off time. An adjustment of the RT will change the time delays
of both on and off times. This series is designed for general
purpose commercial and industrial applications where a small,
cost effective, reliable, solid-state timer is required. The factory
calibration for fixed time delays is within 5% of the target time
delay. The repeat accuracy, under stable conditions, is 0.5% of
the selected time delay. This series is designed for popular AC
and DC voltages. Time delays of 0.1 seconds to 1000 minutes
are available in 6 ranges. The output is rated 1A steady and 10A
inrush. The modules are totally solid state and encapsulated to
protect the electronic circuitry.
Operation (Recycling Flasher - ON Time First)
Upon application of input voltage, the output energizes and
the T1, ON time begins. At the end of the ON time, the output
de-energizes and the T2 OFF time begins. At the end of the
OFF time, the output energizes and the cycle repeats as long as
input voltage is applied.
Reset: Removing input voltage resets the output and time
delays, and returns the sequence to the ON time.
Operation (Recycling Flasher - OFF Time First)
Upon application of input voltage, the T2 OFF time begins. At
the end of the OFF time, the T1 ON time begins and the load
energizes. At the end of the ON time the load de-energizes, and
the cycle repeats until input voltage is removed.
Reset: Removing input voltage resets the output and time
delays and the sequence to the OFF time.

FEATURES BENEFITS
Microcontroller based Repeat Accuracy + / - 0.5%,
+ / -5% time delay accuracy
Compact, low
cost design Allows flexiblility for OEM applications
1A Steady solid-state
output, 10A inrush Provides 100 million operations in typical conditions.
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity




Podobny numer części - KSD3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
KSD301 ETC1-KSD301 Datasheet
1Mb / 6P
Thermostat
KSD301 ETC-KSD301 Datasheet
2Mb / 3P
Thermal Fuse Series
KSD301A-BF1 ETC-KSD301A-BF1 Datasheet
2Mb / 3P
Thermal Fuse Series
KSD301A-BF2 ETC1-KSD301A-BF2 Datasheet
1Mb / 6P
Thermostat
KSD301A-BF2-V ETC1-KSD301A-BF2-V Datasheet
1Mb / 6P
Thermostat
More results


Podobny opis - KSD3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
ERD3425A LITTELFUSE-ERD3425A Datasheet
498Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
ESDR LITTELFUSE-ESDR Datasheet
541Kb / 3P
Dedicated - Recycle
2016 Rev: 1-A-061016
HRDR LITTELFUSE-HRDR Datasheet
664Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-062116
KRD3 LITTELFUSE-KRD3 Datasheet
587Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KRDR LITTELFUSE-KRDR Datasheet
438Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KSDR LITTELFUSE-KSDR Datasheet
533Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KSPD LITTELFUSE-KSPD Datasheet
520Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-062116
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
RS1A11 LITTELFUSE-RS1A11 Datasheet
460Kb / 2P
Dedicated - Recycle
Rev: 1-A-061016
More results




O Littelfuse


Litfelse to amerykańska firma specjalizująca się w projektowaniu i produkcji produktów ochrony obwodów i kontroli.
Firma została założona w 1927 roku i ma siedzibę w Chicago w stanie Illinois.
Litfeluse zapewnia szeroką gamę produktów, w tym bezpieczniki, urządzenia ochronne i kontrolne oraz produkty polimerowe.
Produkty firmy są wykorzystywane w różnych aplikacjach, takich jak elektronika motoryzacyjna, przemysłowa i konsumpcyjna.
Littelfuse jest znany ze swojej wiedzy specjalistycznej w zakresie technologii ochrony i kontroli obwodów oraz zdolności do dostarczania wysokiej jakości i niezawodnych produktów dla swoich klientów.
Firma ma działalność i obiekty w różnych krajach na całym świecie i ściśle współpracuje z klientami, aby zapewnić niestandardowe rozwiązania, które spełniają ich szczególne wymagania i potrzeby.
Oprócz podstawowej działalności, Litfeluse zapewnia również rozwiązania dla rynków energii odnawialnej i centrów danych.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com