Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLEDXUX-A Arkusz danych (PDF) - Littelfuse

PLEDXUX-A Datasheet PDF - Littelfuse
Numer części PLEDXUX-A
Pobierz  PLEDXUX-A Pobierz
Rozmiar pliku   881.42 Kbytes
Page   5 Pages
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Szczegółowy opis PLED Open LED Protectors / Automotive PLED Unidirectional Series

PLEDXUX-A Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
PLEDXUX-A Datasheet PDF - Littelfuse

Numer części PLEDXUX-A
Pobierz  PLEDXUX-A Click to download

Rozmiar pliku   881.42 Kbytes
Page   5 Pages
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Szczegółowy opis PLED Open LED Protectors / Automotive PLED Unidirectional Series

PLEDXUX-A Arkusz danych (HTML) - Littelfuse


PLEDXUX-A Szczegóły Produktu

Description
Automotive PLED Unidirectional Series (PLEDxUx-A) open
LED protectors provide a switching electronic shunt path
around a single LED that fails as an open circuit. This
ensures the remaining string of LEDs will continue to
function even though a single LED in the string has failed
open. It also provides reverse battery or reverse power
polarity protection.
This series is designed for automotive applications such
as automotive car head lamp, tail lamp, LED indicator
protection, aircraft runway lighting and other applications
need high reliability requirements.
Compatible with one, two and three watt LEDs that have a
nominal 3V forward characteristic.

Features & Benefits
• AEC−Q101 Qualified and
PPAP Capable
• Fast switching
• Reverse Battery/Power
Protection
• Automatically resets after
power cycle
• Available in standard DO-
214AA package
• Compatible with industrial
lighting environments
• IEC-61000-4-2 ESD 30kV
(Air), 30kV (Contact)
• ESD protection of data
lines in accordance with
IEC 61000-4-2 (IEC801-2)
• Compatible with PWM
frequencies up to 10 kHz
• RoHS compliant and
halogen-free




Podobny numer części - PLEDXUX-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
PLEDXUSXA LITTELFUSE-PLEDXUSXA Datasheet
763Kb / 5P
PLED Open LED Protectors / High power PLED
2020 Littelfuse, Inc
More results


Podobny opis - PLEDXUX-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
TISP5070H3BJ POINN-TISP5070H3BJ Datasheet
299Kb / 15P
FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
List of Unclassifed Man...
SSD1332 ETC-SSD1332 Datasheet
367Kb / 24P
OLED/PLED Segment/Common Driver with Controller
logo
OPTEK Technologies
OPI155 OPTEK-OPI155 Datasheet
76Kb / 2P
High Speed Op tically Cou pled Isolator
logo
List of Unclassifed Man...
SSD1303 ETC1-SSD1303 Datasheet
567Kb / 56P
132 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
OSD2002-2 ETC2-OSD2002-2 Datasheet
308Kb / 15P
PLED 20x2 Character Module Specifications
SSD1306 ETC2-SSD1306 Datasheet
1Mb / 65P
128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
SSD1305 ETC1-SSD1305 Datasheet
2Mb / 70P
132 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
logo
Littelfuse
PLED64S LITTELFUSE-PLED64S Datasheet
509Kb / 4P
PLED Ultra Low Holding Current Series
2018 Littelfuse, Inc.
PLEDXS-A LITTELFUSE-PLEDXS-A Datasheet
821Kb / 5P
PLED Open LED Protectors / Automotive PLED Series
2019 Littelfuse, Inc.
PLEDXUSXA LITTELFUSE-PLEDXUSXA Datasheet
763Kb / 5P
PLED Open LED Protectors / High power PLED
2020 Littelfuse, Inc
More results




O Littelfuse


Litfelse to amerykańska firma specjalizująca się w projektowaniu i produkcji produktów ochrony obwodów i kontroli.
Firma została założona w 1927 roku i ma siedzibę w Chicago w stanie Illinois.
Litfeluse zapewnia szeroką gamę produktów, w tym bezpieczniki, urządzenia ochronne i kontrolne oraz produkty polimerowe.
Produkty firmy są wykorzystywane w różnych aplikacjach, takich jak elektronika motoryzacyjna, przemysłowa i konsumpcyjna.
Littelfuse jest znany ze swojej wiedzy specjalistycznej w zakresie technologii ochrony i kontroli obwodów oraz zdolności do dostarczania wysokiej jakości i niezawodnych produktów dla swoich klientów.
Firma ma działalność i obiekty w różnych krajach na całym świecie i ściśle współpracuje z klientami, aby zapewnić niestandardowe rozwiązania, które spełniają ich szczególne wymagania i potrzeby.
Oprócz podstawowej działalności, Litfeluse zapewnia również rozwiązania dla rynków energii odnawialnej i centrów danych.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com