Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RC-200124-RN Arkusz danych (PDF) - Littelfuse

RC-200124-RN Datasheet PDF - Littelfuse
Numer części RC-200124-RN
Pobierz  RC-200124-RN Pobierz
Rozmiar pliku   224.69 Kbytes
Page   2 Pages
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Szczegółowy opis 18 V AND 36 V MAX ISO MINI 6.3 MM FORM A, FORM 2A, AND FORM C RELAYS

RC-200124-RN Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
RC-200124-RN Datasheet PDF - Littelfuse

Numer części RC-200124-RN
Pobierz  RC-200124-RN Click to download

Rozmiar pliku   224.69 Kbytes
Page   2 Pages
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Szczegółowy opis 18 V AND 36 V MAX ISO MINI 6.3 MM FORM A, FORM 2A, AND FORM C RELAYS

RC-200124-RN Arkusz danych (HTML) - Littelfuse


RC-200124-RN Szczegóły Produktu

Description
Our ISO Mini Relays are compact, modular, generalpurpose
relays that allow you to tailor your vehicle’s power
distribution box for the capability you need, including
lighting, starting, horn, heating and cooling, or fan control.
Adhering to the ISO Mini 6.3 mm form factor, these relays
plug into existing, ISO Mini boxes along with fuses or
other components (sold separately).
This series offers a wide selection of Mini relays to
meet the requirements of a variety of applications.
Options include Form A (SPST), Form 2A (SPST with
two terminals), and Form C (SPDT) relays, versions
with resistor suppression, diode suppression, or
no suppression, and models that are sealed (IP64),
unbracketed or unsealed (IP40), bracketed configurations.

Applications
• Lighting Control
• Starting Control
• Horn Control
• Heating and Cooling Control
• Fan Control

Features and Benefits
• Broad offering of Form A (SPST), Form 2A (SPST with
two terminals), and Form C (SPDT) relay options
• Rated for either 18 V max with a 12 V dc coil rating or 36
V max with a 24 V dc coil rating
• Versions are available with either a 20 A or 40 A
continuous current rating
• Suppression options include resistor, diode, and no
suppression
• Sealed (IP64) and unsealed (IP40) versions to match
the water- and dust-protection requirements of your
application
• Bracketed options are available for panel mounting




Podobny numer części - RC-200124-RN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TRIAD MAGNETICS
RC-2 TRIAD-RC-2 Datasheet
37Kb / 1P
RC-2
logo
TE Connectivity Ltd
RC-21-11 TEC-RC-21-11 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
logo
List of Unclassifed Man...
RC-2211 ETC1-RC-2211 Datasheet
135Kb / 16P
FSK Demodulator/Tone Decoder
logo
Sanyo Semicon Device
RC-2400 SANYO-RC-2400 Datasheet
88Kb / 1P
Cell Type RC-2400
logo
Recom International Pow...
RC-2405D RECOM-RC-2405D Datasheet
100Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
More results


Podobny opis - RC-200124-RN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
1 Form A Solid-State Relays
March 21, 2001-14
logo
Siemens Semiconductor G...
LH1527 SIEMENS-LH1527 Datasheet
144Kb / 25P
1 Form C
logo
Molex Electronics Ltd.
0011404467 MOLEX11-0011404467 Datasheet
20Kb / 1P
Form and Conductor
logo
List of Unclassifed Man...
T92S7D12-12 ETC2-T92S7D12-12 Datasheet
1Mb / 4P
40A, 2 form A (NO) and 2 form C (CO) switching capability
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
Coto Technology
C226S COTO-C226S Datasheet
382Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Keysight Technologies
L4437A KEYSIGHT-L4437A Datasheet
1Mb / 9P
32-Channel Form A/Form C General Purpose Switch
E1442A KEYSIGHT-E1442A Datasheet
413Kb / 7P
64-Channel Form C or Form A Switch
logo
TE Connectivity Ltd
ORWH TEC-ORWH Datasheet
463Kb / 3P
Compact relay with 1 Form A and 1 Form C contact arrangement
More results




O Littelfuse


Litfelse to amerykańska firma specjalizująca się w projektowaniu i produkcji produktów ochrony obwodów i kontroli.
Firma została założona w 1927 roku i ma siedzibę w Chicago w stanie Illinois.
Litfeluse zapewnia szeroką gamę produktów, w tym bezpieczniki, urządzenia ochronne i kontrolne oraz produkty polimerowe.
Produkty firmy są wykorzystywane w różnych aplikacjach, takich jak elektronika motoryzacyjna, przemysłowa i konsumpcyjna.
Littelfuse jest znany ze swojej wiedzy specjalistycznej w zakresie technologii ochrony i kontroli obwodów oraz zdolności do dostarczania wysokiej jakości i niezawodnych produktów dla swoich klientów.
Firma ma działalność i obiekty w różnych krajach na całym świecie i ściśle współpracuje z klientami, aby zapewnić niestandardowe rozwiązania, które spełniają ich szczególne wymagania i potrzeby.
Oprócz podstawowej działalności, Litfeluse zapewnia również rozwiązania dla rynków energii odnawialnej i centrów danych.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com