Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

400CBFAB1 Arkusz danych (PDF) - ON Semiconductor

400CBFAB1 Datasheet PDF - ON Semiconductor
Numer części 400CBFAB1
Pobierz  400CBFAB1 Pobierz
Rozmiar pliku   4907.5 Kbytes
Page   47 Pages
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Szczegółowy opis Fixed Frequency Current Mode Controller for Flyback Converters

400CBFAB1 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
400CBFAB1 Datasheet PDF - ON Semiconductor

Numer części 400CBFAB1
Pobierz  400CBFAB1 Click to download

Rozmiar pliku   4907.5 Kbytes
Page   47 Pages
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Szczegółowy opis Fixed Frequency Current Mode Controller for Flyback Converters

400CBFAB1 Arkusz danych (HTML) - ON Semiconductor


400CBFAB1 Szczegóły Produktu

The NCP12400 is a new fixed−frequency current−mode controller
featuring the Dynamic Self−Supply. This function greatly simplifies
the design of the auxiliary supply and the VCC capacitor by activating
the internal startup current source to supply the controller during
start−up, transients, latch, stand−by etc. This device contains a special
HV detector which detects the application unplug from the ac input
line and triggers the X2 discharge current. This HV structure allows
the brown−out detection as well.
It features a timer−based fault detection that ensures the detection of
overload and an adjustable compensation to help keep the maximum
power independent of the input voltage.
Due to frequency foldback, the controller exhibits excellent
efficiency in light load condition while still achieving very low
standby power consumption. Internal frequency jittering, ramp
compensation, and a versatile latch input make this controller an
excellent candidate for the robust power supply designs.
A dedicated Off Mode allows to reach the extremely low no load
input power consumption via “sleeping” whole device and thus
minimize the power consumption of the control circuitry.

Features
• Fixed−Frequency Current−Mode Operation 65 kHz or 100 kHz
Frequency Options
• Frequency Foldback then Skip Mode for Maximized Performance
in Light Load and Standby Conditions
• Timer−Based Overload Protection with Latched (Option A) or
Autorecovery (Option B) Operation
• High−Voltage Current Source with Brown−Out Detection and
Dynamic Self−Supply, Simplifying the Design of the VCC Circuitry
• Frequency Modulation for Softened EMI Signature
• Adjustable Overpower Protection Dependant on the Mains Voltage
• Fault Input for Overvoltage and Over Temperature Protection
• VCC Operation up to 28 V, with Overvoltage Detection
• 300/500 mA Source/Sink Drive Peak Current Capability
• 4/10 ms Soft−Start
• Internal Thermal Shutdown
• No−Load Standby Power < 30 mW
• X2 Capacitor in EMI Filter Discharging Feature
• These are Pb−Free Devices

Typical Applications
• Offline Adapters for Notebooks, LCD, and Printers
• Offline Battery Chargers
• Consumer Electronic Power Supplies
• Auxiliary/Housekeeping Power Supplies
• Offline Adapters for Notebooks




Podobny numer części - 400CBFAB1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cornell Dubilier Electr...
400C CDE-400C Datasheet
343Kb / 6P
Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
List of Unclassifed Man...
400C102M250AA8 ETC2-400C102M250AA8 Datasheet
343Kb / 6P
95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
400C102M250AA8 CDE-400C102M250AA8 Datasheet
343Kb / 6P
Long-Life, C Radial Leaded, Aluminum Electrolytic
400C102M250AA8 CDE-400C102M250AA8 Datasheet
143Kb / 6P
Very Long Life Board-Mount Type
logo
List of Unclassifed Man...
400C102M250AH8 ETC2-400C102M250AH8 Datasheet
343Kb / 6P
95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
More results


Podobny opis - 400CBFAB1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1247 ONSEMI-NCP1247 Datasheet
1Mb / 42P
Fixed Frequency Current Mode Controller for Flyback Converters
October, 2013 ??Rev. 0
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP12401 ONSEMI-NCP12401 Datasheet
4Mb / 44P
Fixed Frequency Current Mode Controller for Flyback Converters
July, 2020 ??Rev. 1
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results




O ON Semiconductor


„ON Semiconductor to firma notowana publicznie, która projektuje, rozwija i produkuje szeroką gamę produktów półprzewodnikowych dla różnych aplikacji, w tym rynków motoryzacyjnych, komputerowych, towarów konsumpcyjnych, przemysłowych i komunikacyjnych.
Firma została założona w 1999 roku i ma siedzibę w Phoenix w Arizonie.
Na półprzewodnikach oferuje szerokie portfolio zarządzania energią, analogowe i dyskretne półprzewodniki, w tym między innymi MOSFETEM, diod, prostowników, regulatorów napięcia.
Produkty firmy są zaprojektowane tak, aby były energooszczędne, niezawodne i opłacalne i są wykorzystywane w różnych aplikacjach, w tym w przenośnej elektronice, systemach automatyzacji przemysłowej, systemach energii odnawialnej i elektronice motoryzacyjnej.
Na półprzewodnikach jest zaangażowany w innowacje i satysfakcję klientów i jest zaangażowany w zapewnianie najlepszych rozwiązań półprzewodników w celu zaspokojenia potrzeb naszych klientów ”.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com