Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XDPE15284D Arkusz danych (PDF) - Infineon Technologies AG

XDPE15284D Datasheet PDF - Infineon Technologies AG
Numer części XDPE15284D
Pobierz  XDPE15284D Pobierz
Rozmiar pliku   153.9 Kbytes
Page   7 Pages
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Szczegółowy opis XDPE15284D Digital Multi-phase Controller 8-phase Dual Loop Voltage Regulator

XDPE15284D Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
XDPE15284D Datasheet PDF - Infineon Technologies AG

Numer części XDPE15284D
Pobierz  XDPE15284D Click to download

Rozmiar pliku   153.9 Kbytes
Page   7 Pages
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Szczegółowy opis XDPE15284D Digital Multi-phase Controller 8-phase Dual Loop Voltage Regulator

XDPE15284D Arkusz danych (HTML) - Infineon Technologies AG


XDPE15284D Szczegóły Produktu

Features
 Digital controller assisted with high performance analog front ends with a fully programmable ARM®
CortexTM –M0 Processor
 Compliant with Intel™ VR13, VR13HC, and VR14 Server VR Vendor PWM Enabling Specification Rev 1.88
(October 2021)
 Compliant with Intel™ SVID Protocol Spec Rev 1.94 (April 2021)
 Compliant with PMBus Rev 1.3.1 (March 2015) serial interface
− Query voltage, current, temperature faults
− Fault Response
− Maximum supported bus speed 1 MHz
− Support 1.8/3.3 V operation
 Output voltage regulation range
− 0.25 V to 1.52 V (5 mV/step)
− 0.5 V to 3.04 V (10 mV/step)
 Digitally controlled phasing for full flexibility in both loop configuration and phase firing order
 Digital current emulation for TLVR inductor support
 Configurable autonomous phase add/drop
 Automatic phase detection at start-up
 Supports start-up into pre-bias voltage
 Integrated power stage current sense
 Differential output voltage sense
 Fast current balancing with current-mode control
 Digitally programmable PID (Proportional, Integral, Differential) loop compensation
 Digitally programmable loadline slope
 Digital temperature compensation
 Direct input (+12 V) voltage and current sense
 Extensive fault detection and protection capability
− IUVP, OUVP & OOVP (fixed and tracking)
− OCP instantaneous (total current)
− Multiple OTP thresholds
− Peak phase current pulse limiting
− Negative current limit protection
− TLVR secondary Open/Short detection
 Internal non-volatile memory (NVM) to store multiple custom configurations
 RoHS compliant and Halogen free 40-lead QFN plastic package




Podobny numer części - XDPE15284D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
XDPE15254D INFINEON-XDPE15254D Datasheet
169Kb / 7P
Digital Multi-phase Controller 5-phase Dual Loop Voltage Regulator
Rev 2.0 2022-03-31
XDPE152C4D INFINEON-XDPE152C4D Datasheet
153Kb / 7P
XDPE152C4D Digital Multi-phase Controller 12-phase Dual Loop Voltage Regulator
Rev 2.0 2022-03-31
XDPE152C4D0000XUMA1 INFINEON-XDPE152C4D0000XUMA1 Datasheet
153Kb / 7P
XDPE152C4D Digital Multi-phase Controller 12-phase Dual Loop Voltage Regulator
Rev 2.0 2022-03-31
XDPE152C4DXYZZXUMA1 INFINEON-XDPE152C4DXYZZXUMA1 Datasheet
153Kb / 7P
XDPE152C4D Digital Multi-phase Controller 12-phase Dual Loop Voltage Regulator
Rev 2.0 2022-03-31
More results


Podobny opis - XDPE15284D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IR3536 IRF-IR3536 Datasheet
354Kb / 3P
Digital Multi-Phase Buck Controller 6-phase 8-phase dual output PWM Controller
IR3565A IRF-IR3565A Datasheet
358Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A Datasheet
379Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A Datasheet
363Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3564A IRF-IR3564A_15 Datasheet
419Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3565A IRF-IR3565A_15 Datasheet
355Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A_15 Datasheet
399Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3581 IRF-IR3581_15 Datasheet
246Kb / 5P
Dual Output Digital Multi-Phase Controller
logo
Infineon Technologies A...
XDPE152C4D INFINEON-XDPE152C4D Datasheet
153Kb / 7P
XDPE152C4D Digital Multi-phase Controller 12-phase Dual Loop Voltage Regulator
Rev 2.0 2022-03-31
logo
List of Unclassifed Man...
IR3567B ETC-IR3567B Datasheet
530Kb / 2P
Dual Output Digital Multi-Phase Controller
August 1, 2013 - V1.04
More results




O Infineon Technologies AG


Infineon Technologies jest wiodącym globalnym producentem półprzewodników, który specjalizuje się w zapewnianiu rozwiązań zarządzania energią, bezpieczeństwem i kontrolą dla różnych branż, takich jak systemy motoryzacyjne, przemysłowe i komunikacyjne.
Firma została założona w 1999 roku i ma siedzibę w Neubiberg w Niemczech.
Infineon oferuje szeroką gamę produktów, w tym mikrokontrolery, półprzewodniki mocy, czujniki i inne zintegrowane obwody.
Firma ma silną obecność na rynku globalnym, z operacjami i obiektami w różnych krajach na całym świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com