| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 ON Semiconductor |
NXH020U90MNF2PTG
|
2Mb / 14P |
F2-VIENNA SiC MOSFET Module
August, 2021 ??Rev. 0 |
|
NXH006P120MNF2PTG
|
1Mb / 10P |
Silicon Carbide (SiC) Module – EliteSiC, 6 mohm SiC M1 MOSFET, 1200 V, 2-PACK Half Bridge Topology, F2 Package
February, 2023 - Rev. 4 |
|
NXH010P120MNF1PTNG
|
1Mb / 13P |
Silicon Carbide (SiC) Module – EliteSiC, 10 mohm SiC M1 MOSFET, 1200 V, 2-PACK Half Bridge Topology, F1 Package
February, 2023 - Rev. P4 |
|
NXH020P120MNF1PTG
|
1Mb / 14P |
Silicon Carbide (SiC) Module – EliteSiC, 20 mohm SiC M1 MOSFET, 1200 V, 2-PACK Half Bridge Topology, F1 Package
February, 2023 - Rev. P2 |
|
NXH040P120MNF1PTG
|
1Mb / 8P |
Silicon Carbide (SiC) Module – EliteSiC, 40 mohm SiC M1 MOSFET, 1200 V, 2-PACK Half Bridge Topology, F1 Package
February, 2023 - Rev. P1 |
|
NXH40B120MNQ0SNG
|
645Kb / 13P |
Silicon Carbide (SiC) Module – EliteSiC, 40 mohm SiC M1 MOSFET, 1200 V 40 A, 1200 V SiC Diode, Two Channel Full SiC Boost, Q0 Package
February, 2023 - Rev. 2 |
|
NXH40B120MNQ1SNG
|
923Kb / 12P |
Silicon Carbide (SiC) Module – EliteSiC, 40 mohm SiC M1 MOSFET, 1200 V 40 A, 1200 V SiC Diode, Three Channel Full SiC Boost, Q1 Package
February, 2023 - Rev. P2 |
|
NXH80B120MNQ0SNG
|
679Kb / 13P |
Silicon Carbide (SiC) Module – EliteSiC, 80 mohm SiC M1 MOSFET, 1200 V 20 A, 1200 V SiC Diode, Two Channel Full SiC Boost, Q0 Package
February, 2023 - Rev. P2 |
|
NXH007F120M3F2PTHG
|
502Kb / 11P |
Silicon Carbide (SiC) Module – EliteSiC, 7 mohm, 1200 V, SiC M3S MOSFET, Full Bridge, F2 Package
November, 2023 - Rev. P1 |
|
NXH011F120M3F2PTHG
|
518Kb / 12P |
Silicon Carbide (SiC) Module – EliteSiC, 11 mohm, 1200 V, SiC M3S MOSFET, Full Bridge, F2 Package
November, 2023 - Rev. P1 |