Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R1517J251F Arkusz danych (PDF) - Nisshinbo Micro Devices Inc.

R1517J251F Datasheet PDF - Nisshinbo Micro Devices Inc.
Numer części R1517J251F
Pobierz  R1517J251F Pobierz
Rozmiar pliku   3203.43 Kbytes
Page   38 Pages
Producent  NISSHINBO [Nisshinbo Micro Devices Inc.]
Strona internetowa  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Szczegółowy opis 500 mA 36V Input Low Supply Current LDO for Industrial Application

R1517J251F Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
R1517J251F Datasheet PDF - Nisshinbo Micro Devices Inc.

Numer części R1517J251F
Pobierz  R1517J251F Click to download

Rozmiar pliku   3203.43 Kbytes
Page   38 Pages
Producent  NISSHINBO [Nisshinbo Micro Devices Inc.]
Strona internetowa  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Szczegółowy opis 500 mA 36V Input Low Supply Current LDO for Industrial Application

R1517J251F Arkusz danych (HTML) - Nisshinbo Micro Devices Inc.


R1517J251F Szczegóły Produktu

FEATURES
 Input Voltage Range (Maximum Rating) ················ 3.5 V to 36.0 V (50.0V)
 Operating Temperature Range ···························· −40°C to 125°C
 Supply Current ················································· Typ. 18 μA
 Standby Current ··············································· Typ. 0.1 μA
 Dropout Voltage ··············································· Typ. 0.35 V (IOUT = 500 mA, VOUT = 5.0 V)
 Output Voltage Accuracy ···································· ±0.8% (VOUT ≤ 5.0 V)
 Temperature-Drift Coefficient of Output Voltage ······· Typ. ±60 ppm/°C (−40°C ≤ Ta ≤ 125°C)
 Line Regulation ················································ Typ. 0.01%/V
 Packages ······················································· HSOP-6J, TO-252-5-P2
 Output Voltage Range ······································· 2.5 V/3.3 V/3.4 V/5.0 V/8.5 V
R1517x001C: Adjustable from 2.5 V to 20.0 V with External
Resistors.
Feedback Voltage: 2.5 V
 Built-in Short Current Limit Circuit ························ Typ. 75 mA
 Built-in Fold-Back Protection Circuit ······················ Min. 500 mA
 Built-in Thermal Shutdown Circuit ························ Typ. 160°C
 Built-in Soft-start Circuit ····································· Typ.120 μs
R1517xxx1E/F: Adjustable Time Setting with External
Capacitors.
 Usable Ceramic Capacitors ································ 0.1 μF or more
R1517x001C: 1.0 μF or more




Podobny numer części - R1517J251F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RICOH electronics devic...
R1517J251F-T1-FE RICOH-R1517J251F-T1-FE Datasheet
950Kb / 38P
Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
April 1, 2012
More results


Podobny opis - R1517J251F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
MCP1725 MICROCHIP-MCP1725 Datasheet
1Mb / 32P
500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2006
MCP1825 MICROCHIP-MCP1825 Datasheet
655Kb / 38P
500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2008
logo
Micrel Semiconductor
MIC61300 MICREL-MIC61300_11 Datasheet
1,003Kb / 22P
Low Input Voltage, Single-Supply High-Current LDO
logo
Microchip Technology
MCP1725 MICROCHIP-MCP1725_08 Datasheet
581Kb / 32P
500 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
logo
Texas Instruments
LP5912 TI1-LP5912_17 Datasheet
2Mb / 33P
500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
500-mA Low-Noise, Low-IQ LDO
logo
Microchip Technology
MIC5209 MICROCHIP-MIC5209 Datasheet
2Mb / 30P
500 mA Low-Noise LDO Regulator
09/14/21
logo
Nisshinbo Micro Devices...
R1517X NISSHINBO-R1517X Datasheet
3Mb / 38P
500 mA 36V Input Low Supply Current LDO
R1518X-Y NISSHINBO-R1518X-Y Datasheet
2Mb / 38P
1 A 36V Input Low Supply Current LDO for Industrial Application
R1518X NISSHINBO-R1518X Datasheet
2Mb / 38P
1 A 36V Input Low Supply Current LDO
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com