| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 ON Semiconductor |
NVG450A120L5DSC
|
279Kb / 11P |
Automotive 1200 V, 450 A Dual Side Cooling Half-Bridge Power Module VE-Trac Dual
December, 2021-Rev. 1 |
|
NVG600A75L4DSE2
|
356Kb / 13P |
Automotive 750 V, 600 A Dual Side Cooling Half-Bridge Power Module VE-Trac Dual
December, 2021-Rev. 2 |
|
NVG800A75L4DSB
|
735Kb / 13P |
Automotive 750 V, 800 A Dual Side Cooling Half-Bridge Power Module VE-Trac Dual
June, 2020 ??Rev. 0 |
|
NVG800A75L4DSB2
|
364Kb / 12P |
Automotive 750 V, 800 A Dual Side Cooling Half-Bridge Power Module VE-Trac Dual Gen II
April, 2022-Rev. 1 |
|
NVG500A75L4DSF2
|
456Kb / 13P |
Automotive 750 V, 500 A Dual Side Cooling Half-Bridge Power Module VE-Trac Dual
November, 2022 - Rev. 7 |
|
NVG600A75L4DSC2
|
553Kb / 12P |
Automotive 750 V, 600 A Dual Side Cooling Half-Bridge Power Module VE-Trac Dual Gen II
July, 2022 - Rev. 1 |
|
NVG800A75L4DSB2
|
362Kb / 12P |
Automotive 750 V, 800 A Dual Side Cooling Half-Bridge Power Module VE-Trac Dual Gen II
August, 2022 - Rev. 3 |
|
NVG800A75L4DSC2
|
358Kb / 12P |
Automotive 750 V, 800 A Dual Side Cooling Half-Bridge Power Module VE-Trac Dual Gen II
August, 2022 - Rev. 2 |
|
NVG800A75L4DSC
|
525Kb / 11P |
Automotive 750 V, 800 A Dual Side Cooling Half-Bridge Power Module VE-Trac Dual
August 2021 - Rev. 4 |
|
NVG600A75L4DSE2
|
353Kb / 13P |
Automotive 750 V, 600 A Dual Side Cooling Half-Bridge Power Module VE-Trac Dual
August, 2022 - Rev. 6 |