Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QL4016-2CG84M/883 Arkusz danych (PDF) - List of Unclassifed Manufacturers

QL4016-2CG84M/883 Datasheet PDF - List of Unclassifed Manufacturers
Numer części QL4016-2CG84M/883
Pobierz  QL4016-2CG84M/883 Pobierz
Rozmiar pliku   576.1 Kbytes
Page   22 Pages
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers
Szczegółowy opis 90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM

QL4016-2CG84M/883 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
QL4016-2CG84M/883 Datasheet PDF - List of Unclassifed Manufacturers

Numer części QL4016-2CG84M/883
Pobierz  QL4016-2CG84M/883 Click to download

Rozmiar pliku   576.1 Kbytes
Page   22 Pages
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers
Szczegółowy opis 90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM

QL4016-2CG84M/883 Arkusz danych (HTML) - List of Unclassifed Manufacturers


QL4016-2CG84M/883 Szczegóły Produktu

[QuickLogic]

PRODUCT SUMMARY
The QuickRAM family of ESPs (Embedded Standard Products) offers FPGA logic in combination with Dual-Port SRAM modules. QuickRAM is a 90,000 usable PLD gate ESPs. QuickRAM ESPs are fabricated on a 0.35mm four-layer metal process using QuickLogic’s patented ViaLink technology to provide a unique combination of high performance, high density, low cost, and extreme ease-of-use.

DEVICE HIGHLIGHTS
High Performance and High Density
■ Up to 90,000 Usable PLD Gates with 316 I/Os
■ 300 MHz 16-bit Counters, 400 MHz Datapaths, 160+ MHz FIFOs
■ 0.35um four-layer metal non-volatile CMOS process for smallest die sizes

High Speed Embedded SRAM
■ Up to 22 dual-port RAM modules, organized in userconfigurable 1,152-bit blocks
■ 5ns access times, each port independently accessible
■ Fast and efficient for FIFO, RAM, and ROM functions

Easy to Use / Fast Development Cycles
■ 100% routable with 100% utilization and complete pin-out stability
■ Variable-grain logic cells provide high performance and 100% utilization
■ Comprehensive design tools include high quality Verilog/ VHDL synthesis

Advanced I/O Capabilities
■ Interfaces with both 3.3 volt and 5.0 volt devices
■ PCI compliant with 3.3V and 5.0V buses for -1/-2 speed grades
■ Full JTAG boundary scan
■ Registered I/O cells with individually controlled clocks and output enables

FEATURES

Total of 316 I/O pins
■ 308 bi-directional input/output pins, PCI-compliant for 5.0 volt and 3.3 volt buses for -1/-2/-3/-4 speed grades
■ 8 high-drive input/distributed network pins

Eight Low-Skew Distributed Networks
■ Two array clock/control networks available to the logic cell flip-flop clock, set and reset inputs - each driven by an input-only pin
■ Six global clock/control networks available to the logic cell F1, clock, set and reset inputs and the input and I/O register clock, reset and enable inputs as well as the output enable control - each driven by an input-only or I/O pin, or any logic cell output or I/O cell feedback

High Performance
■ Input + logic cell + output total delays under 6 ns
■ Data path speeds exceeding 400 MHz
■ Counter speeds over 300 MHz
■ FIFO speeds over 160+ MHz

Military Reliability
■ Mil-STD-883 and Miil Temp Ceramic
■ Mil Temp Plastic - Guaranteed -55°C to 125°C




Podobny numer części - QL4016-2CG84M/883

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
QL4016-2CF100C ETC-QL4016-2CF100C Datasheet
478Kb / 18P
16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-2CF100I ETC-QL4016-2CF100I Datasheet
478Kb / 18P
16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-2CF100M ETC-QL4016-2CF100M Datasheet
478Kb / 18P
16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
More results


Podobny opis - QL4016-2CG84M/883

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
High Performance Flash PLD
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
Best performance. Most usable light.
20210523
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com