Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DC3FA3AAA Arkusz danych (PDF) - Cherry Semiconductor Corporation

DC3FA3AAA Datasheet PDF - Cherry Semiconductor Corporation
Numer części DC3FA3AAA
Pobierz  DC3FA3AAA Pobierz
Rozmiar pliku   246.07 Kbytes
Page   3 Pages
Producent  CHERRY [Cherry Semiconductor Corporation]
Strona internetowa  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Szczegółowy opis SUBMINIATURE — SEALED

DC3FA3AAA Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
DC3FA3AAA Datasheet PDF - Cherry Semiconductor Corporation

Numer części DC3FA3AAA
Pobierz  DC3FA3AAA Click to download

Rozmiar pliku   246.07 Kbytes
Page   3 Pages
Producent  CHERRY [Cherry Semiconductor Corporation]
Strona internetowa  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Szczegółowy opis SUBMINIATURE — SEALED

DC3FA3AAA Arkusz danych (HTML) - Cherry Semiconductor Corporation


DC3FA3AAA Szczegóły Produktu

Features
l Enclosed switch complying with IP 6K7
l Silicon-free version available
l Models available for operating
temperatures up to 120°C
l Rated for currents up to 10 amp
at 250VAC
l Range of auxiliary actuators available
(can also be retrofitted)
l Various contact materials available,
depending on application
l Mechanical life: min. 1 x106 operations
l Wide variety of connection options




Podobny numer części - DC3FA3AAA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Japan Aviation Electron...
DC3 JAE-DC3 Datasheet
593Kb / 7P
2 row, 0.4mm pitch, 19 position, compact connector
logo
Murata Manufacturing Co...
DC3.15kV MURATA-DC3.15kV Datasheet
45Kb / 1P
High Voltage Ceramic Capacitors (250V-6.3kV)
logo
DFI Inc
DC30 DFI-DC30 Datasheet
295Kb / 1P
DC to DC Converters
logo
Analog Devices
DC3021A AD-DC3021A Datasheet
1Mb / 10P
LTC3310S-1 3.3V to 1.0V at 10A, 2MHz Low EMI Buck Regulator in a 2.11cm2 Solution
Rev. 0 04/2
DC3071A AD-DC3071A Datasheet
1Mb / 10P
LTM8080EY 40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
Rev. 0 11/22
More results


Podobny opis - DC3FA3AAA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
Process Sealed Subminiature Pushbuttons
A12KP NKK-A12KP Datasheet
266Kb / 7P
Process Sealed Subminiature Rockers
logo
Omron Electronics LLC
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
Sealed Subminiature Basic Switch
logo
C&K Components
ET01J1ABE2 CK-COMPONENTS-ET01J1ABE2 Datasheet
453Kb / 6P
Sealed Subminiature Rocker Switches
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
Sealed Subminiature Toggle Switches
logo
List of Unclassifed Man...
A18EP ETC2-A18EP Datasheet
980Kb / 8P
Process Sealed Subminiature Toggles
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
Sealed Subminiature Pushbutton Switches
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
Process Sealed Subminiature Toggles
logo
Cherry Semiconductor Co...
DC1C-A1AA CHERRY-DC1C-A1AA Datasheet
336Kb / 2P
Sealed Subminiature Snap Switch
logo
C&K Components
ET CK-COMPONENTS-ET Datasheet
882Kb / 7P
Sealed Subminiature Toggle Switches
26 Mar 21
More results




O Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com