Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N6316D Arkusz danych (PDF) - Microsemi Corporation

1N6316D Datasheet PDF - Microsemi Corporation
Numer części 1N6316D
Pobierz  1N6316D Pobierz
Rozmiar pliku   481.36 Kbytes
Page   6 Pages
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Szczegółowy opis VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES

1N6316D Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
1N6316D Datasheet PDF - Microsemi Corporation

Numer części 1N6316D
Pobierz  1N6316D Click to download

Rozmiar pliku   481.36 Kbytes
Page   6 Pages
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Szczegółowy opis VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES

1N6316D Arkusz danych (HTML) - Microsemi Corporation


1N6316D Szczegóły Produktu

DESCRIPTION
This Zener voltage regulator series is military qualified and is ideal for high-reliability applications where a failure cannot be tolerated. These industry-recognized 0.5 watt Zener voltage regulators are hermetically sealed with voidless-glass construction using an internal metallurgical bond. It includes Zener selections from 2.4 to 200 volts in standard 5% tolerances as well as 1% and 2% tolerances. They are also available in surface-mount packages. Microsemi also offers numerous other Zener products to meet higher and lower power ratings in both thru-hole and surface mount packages.

FEATURES
• JEDEC registered 1N6309 thru 1N6355 series.
• Voltage tolerances of 1%, 2% and 5% are available. (See part nomenclature.)
• Voidless hermetically sealed glass package.
• Internal “Category 1” metallurgical bonds for 1N6321 thru 1N6355 and “Category III” for 1N6309 thru 1N6320.
• JAN, JANTX, JANTXV, and JANS reliability levels are available per MIL-PRF-19500/533.
• RoHS compliant versions available (commercial grade only).

APPLICATIONS / BENEFITS
• Small DO-35 size package (or “D” Package).
• Regulates voltage over a broad operating current and temperature range.
• Extensive selection from 2.4 to 200 volts.
• Standard and tight voltage tolerances available.
• Extremely robust construction.
• Flexible axial-lead mounting terminals.
• Non-sensitive to ESD per MIL-STD-750 method 1020.
• Inherently radiation hard as described in Microsemi “MicroNote 050”.




Podobny numer części - 1N6316D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Compensated Deuices Inc...
1N6316 CDI-DIODE-1N6316 Datasheet
111Kb / 2P
500 mW ZENER DIODES
logo
Microsemi Corporation
1N6316 MICROSEMI-1N6316 Datasheet
96Kb / 2P
500 mW GLASS ZENER DIODES
1N6316 MICROSEMI-1N6316 Datasheet
132Kb / 2P
500mW ZENER DIODES
logo
Sensitron
1N6316 SENSITRON-1N6316 Datasheet
127Kb / 4P
ZENER 500mW VOLTAGE REGULATOR
logo
New Jersey Semi-Conduct...
1N6316 NJSEMI-1N6316 Datasheet
142Kb / 1P
500 mW ZENER DIODES, NON CAVITY CONSTRUCTION, METALLURGICALLY BONDED
More results


Podobny opis - 1N6316D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460_10 Datasheet
185Kb / 5P
VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Microsemi Corporation
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
500mW, Hermetically Sealed Glass Zener Diodes
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
500mW, Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
500mW Hermetically Sealed Glass Zener Diodes
More results




O Microsemi Corporation


Microsemi Corporation była amerykańską firmą specjalizującą się w projektowaniu i produkcji rozwiązań półprzewodników i systemów.
Firma została założona w 1960 roku i miała siedzibę w Aliso Viejo w Kalifornii.
Microsemi dostarczyło szeroką gamę produktów, w tym analogowe i mieszane obwody zintegrowane, produkowane tablice bram (FPGA), produkty zarządzania energią i kontrolą oraz inne roztwory półprzewodników.
Produkty firmy były wykorzystywane w różnych zastosowaniach, takich jak obrona i bezpieczeństwo, lotnictwo i lotnictwo, przemysł i komunikacja.
Microsemi było znane ze swojej wiedzy specjalistycznej w dziedzinie technologii półprzewodników i zdolności do dostarczania wysokiej jakości i niezawodnych produktów dla swoich klientów.
W 2018 r. Microsemi zostało przejęte przez MicroChip Technology, wiodącego dostawcę produktów mikrokontrolerów, mieszanych, analogowych i bezpieczeństwa.
Marka Microsemi nie jest już używana, ale jej technologia i produkty są nadal częścią portfolio Microchip.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com