Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLV9062 Arkusz danych (PDF) - Texas Instruments

Click here to check the latest version.
TLV9062 Datasheet PDF - Texas Instruments
Numer części TLV9062
Pobierz  TLV9062 Pobierz
Rozmiar pliku   2975.66 Kbytes
Page   46 Pages
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments
Szczegółowy opis TLV906xS-Q1 Automotive 10-MHz, RRIO, CMOS Operational Amplifiers

TLV9062 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
TLV9062 Datasheet PDF - Texas Instruments

Numer części TLV9062
Pobierz  TLV9062 Click to download

Rozmiar pliku   2975.66 Kbytes
Page   46 Pages
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments
Szczegółowy opis TLV906xS-Q1 Automotive 10-MHz, RRIO, CMOS Operational Amplifiers

TLV9062 Arkusz danych (HTML) - Texas Instruments


TLV9062 Szczegóły Produktu

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C to +125°C, TA
– Device HBM ESD classification level 3A
– Device CDM ESD classification level C6
• Rail-to-rail input and output
• Low input offset voltage: ±0.3 mV
• Unity-gain bandwidth: 10 MHz
• Low broadband noise: 10 nV/√ Hz
• Low input bias current: 0.5 pA
• Low quiescent current: 538 μA
• Unity-gain stable
• Internal RFI and EMI filter
• Wide supply range: 1.8 V to 5.5 V
• Easier to stabilize with higher capacitive load due
to resistive open-loop output impedance
• Shutdown version: TLV906xS
• Functional Safety-Capable
– Documentation available to aid functional safety
system design

2 Applications
• Optimized for AEC-Q100 grade 1 applications
• Infotainment and cluster
• Passive safety
• Body electronics and lighting
• HEV/EV inverter and motor control
• On-board (OBC) and wireless charger
• Powertrain current sensor
• Advanced driver assistance systems (ADAS)
• Single-supply, low-side, unidirectional currentsensing
circuit

3 Description
The TLV9061-Q1 (single), TLV9062-Q1 (dual) and
TLV9064-Q1 (quad) are single-, dual- and quadlow-
voltage (1.8 V to 5.5 V) operational amplifiers
(op amps) with rail-to-rail input- and output-swing
capabilities. These devices are cost-effective methods
for automotive applications where low-voltage
operation, a small footprint, and high capacitive load
drive are required. Although the capacitive load
drive of the TLV906x-Q1 is 100 pF, the resistive
open-loop output impedance makes stabilizing with
higher capacitive loads simpler. These op amps are
designed specifically for low-voltage operation (1.8 V
to 5.5 V) with performance specifications similar to the
OPAx316 and TLVx316 devices, and identical to their
non-automotive qualified TLV906x counterparts.




Podobny numer części - TLV9062

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLV9062 TI1-TLV9062 Datasheet
345Kb / 22P
10-MHz, RRIO, CMOS Operational Amplifier for Cost-Sensitive Systems
TLV9062 TI1-TLV9062 Datasheet
1Mb / 30P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9062 TI1-TLV9062 Datasheet
3Mb / 41P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9062 TI1-TLV9062 Datasheet
3Mb / 43P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9062 TI1-TLV9062 Datasheet
3Mb / 45P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results


Podobny opis - TLV9062

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLV9062-Q1 TI1-TLV9062-Q1 Datasheet
1Mb / 30P
Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
TLV9062-Q1 TI1-TLV9062-Q1_V01 Datasheet
1Mb / 33P
TLV906x-Q1 Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
TLV9062-Q1 TI1-TLV9062-Q1_V02 Datasheet
2Mb / 36P
TLV906x-Q1 Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
TLV9062-Q1 TI1-TLV9062-Q1_V03 Datasheet
2Mb / 37P
TLV906x-Q1 Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
TLV9062-Q1 TI1-TLV9062-Q1_V04 Datasheet
2Mb / 38P
TLV906x-Q1 Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
TLV9061-Q1 TI-TLV9061-Q1 Datasheet
3Mb / 44P
TLV906xS-Q1 Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
TLV9061-Q1 TI-TLV9061-Q1_V01 Datasheet
2Mb / 43P
TLV906xS-Q1 Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
REVISED JANUARY 2023
TLV9061-Q1 TI-TLV9061-Q1_V03 Datasheet
2Mb / 48P
TLV906xS-Q1 Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
REVISED APRIL 2023
TLV9061-Q1 TI1-TLV9061-Q1_V05 Datasheet
3Mb / 51P
TLV906xS-Q1 Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
REVISED JUNE 2023
More results




O Texas Instruments


Texas Instruments (TI) to publicznie notowana firma, która projektuje i produkuje produkty półprzewodników i technologii komputerowych.

Został założony w 1930 roku i ma siedzibę w Dallas w Teksasie.

TI jest globalnym liderem w produkcji obwodów zintegrowanych analogowych i cyfrowych (DSP), a także wbudowanych procesorów i innych produktów mikrokontrolerów.

Firma obsługuje klientów w różnych branżach, w tym w elektronice motoryzacyjnej, komunikacyjnej, komputerowej, przemysłowej i konsumpcyjnej.

Portfolio produktów TI obejmuje między innymi konwertery danych, wzmacniacze i komparatory, układy powiększające się, mikrokontrolery, czujniki i rozwiązania łączności bezprzewodowej.

TI jest zaangażowany w innowacje i satysfakcję klientów i ma długą historię dostarczania klientom wysokiej jakości, niezawodnych produktów.

Koncentrując się na zrównoważonym rozwoju i efektywności energetycznej, TI poświęcono pozytywnemu wpływowi na świat poprzez technologię i produkty.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com