Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DR5000UX-10V_7500A Arkusz danych (PDF) - Danisense A/S

DR5000UX-10V_7500A Datasheet PDF - Danisense A/S
Numer części DR5000UX-10V_7500A
Pobierz  DR5000UX-10V_7500A Pobierz
Rozmiar pliku   861.37 Kbytes
Page   8 Pages
Producent  DANISENSE [Danisense A/S]
Strona internetowa  https://danisense.com/
Logo DANISENSE - Danisense A/S
Szczegółowy opis Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 8000A

DR5000UX-10V_7500A Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
DR5000UX-10V_7500A Datasheet PDF - Danisense A/S

Numer części DR5000UX-10V_7500A
Pobierz  DR5000UX-10V_7500A Click to download

Rozmiar pliku   861.37 Kbytes
Page   8 Pages
Producent  DANISENSE [Danisense A/S]
Strona internetowa  https://danisense.com/
Logo DANISENSE - Danisense A/S
Szczegółowy opis Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 8000A

DR5000UX-10V_7500A Arkusz danych (HTML) - Danisense A/S


DR5000UX-10V_7500A Szczegóły Produktu

Features
Linearity error maximum +/- 7ppm
3 pin XLR mini connector for voltage output
Transducer core optimized for high level of immunity against external magnetic fields
Operating temperature
Transducer head 0-60°C
Electronics 0-45°C
Ratio 1V/750A
Aperture diameter 150 mm
2U 19” Control unit with universal (100-240V AC 50/60Hz) AC input voltage or 120-370V DC input voltage
Danisense advanced sensor protection circuit “ASPC”
Applications:
MPS for particles accelerators
Stable power supplies
Precision drives
Batteries testing and evaluation systems
Power measurement and power analysis
Current calibration purposes




Podobny numer części - DR5000UX-10V_7500A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Danisense A/S
DR5000UX-10V_5000A DANISENSE-DR5000UX-10V_5000A Datasheet
939Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 5500A
2022-11-24
More results


Podobny opis - DR5000UX-10V_7500A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Danisense A/S
DL2000ID DANISENSE-DL2000ID Datasheet
973Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-24
DM1200ID-CD3000 DANISENSE-DM1200ID-CD3000 Datasheet
477Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1500A
2022-11-29
DQ500ID DANISENSE-DQ500ID Datasheet
520Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 800A
2022-11-29
DQ600ID DANISENSE-DQ600ID Datasheet
481Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1000A
2022-11-29
DR10000IM DANISENSE-DR10000IM Datasheet
1Mb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 11000A
2023-03-06
DR10000UX-10V DANISENSE-DR10000UX-10V Datasheet
563Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 11kA
2022-11-24
DR5000IM DANISENSE-DR5000IM Datasheet
889Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 8000A
2022-11-24
DR5000UX-10V_5000A DANISENSE-DR5000UX-10V_5000A Datasheet
939Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 5500A
2022-11-24
DS200ID DANISENSE-DS200ID Datasheet
462Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 370A
2022-11-24
DS600UB-10V DANISENSE-DS600UB-10V Datasheet
558Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 660A
2022-11-24
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com