Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HD780 Arkusz danych (PDF) - Laird Tech Smart Technology

HD780 Datasheet PDF - Laird Tech Smart Technology
Numer części HD780
Pobierz  HD780 Pobierz
Rozmiar pliku   184.11 Kbytes
Page   2 Pages
Producent  LSTD [Laird Tech Smart Technology]
Strona internetowa  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology
Szczegółowy opis Thermal Gap Filler

HD780 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
HD780 Datasheet PDF - Laird Tech Smart Technology

Numer części HD780
Pobierz  HD780 Click to download

Rozmiar pliku   184.11 Kbytes
Page   2 Pages
Producent  LSTD [Laird Tech Smart Technology]
Strona internetowa  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology
Szczegółowy opis Thermal Gap Filler

HD780 Arkusz danych (HTML) - Laird Tech Smart Technology


HD780 Szczegóły Produktu

PRODUCT DESCRIPTION
Tflex™ HD700 thermal gap filler combines 5 W/mK thermal conductivity with superior pressure
versus deflection characteristics. The combination will allow minimal stress on components
while also yielding low thermal resistance. As a result, less mechanical and thermal stresses will
be experienced within your device.
Tflex™ HD700PI can be provided with an integrated polyimide film on one side. This liner
provides numerous application benefits like electrical isolation, placement ease during
assembly, and tear resistance for applications that require shear.
Tflex™ HD700 and Tflex™ HD700PI are available in thickness from 0.5mm (0.020”) to 5mm
(0.200”). The standard material Tflex™ HD700 material is a light pink color, but we do have the
option to provide this in a grey color if a neutral color is desired (Tflex HD700,GR).
Laird can provide material to meet your production needs in any region through our local
production facilities. Please contact your local Laird sales or field engineering contact for
samples or questions.
FEATURES AND BENEFITS
 5.0 W/mK thermal conductivity
 Low pressure versus deflection
 Excellent surface wetting for low contact resistance
 Minimizes board and component stress
 Option for additional electrical isolation and tear resistance
 Environmentally friendly solution that meets regulatory requirements including RoHS and
REACH




Podobny numer części - HD780

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu High diode Semi...
HD78D05 HDSEMI-HD78D05 Datasheet
2Mb / 3P
TO-252-2L Plastic-Encapsulate Voltage Regula tors
More results


Podobny opis - HD780

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Laird Tech Smart Techno...
HD300 LSTD-HD300 Datasheet
240Kb / 1P
High Deflection Thermal Gap Filler
HR600 LSTD-HR600 Datasheet
815Kb / 2P
Thermal Gap Filler
TFLEX300 LSTD-TFLEX300 Datasheet
232Kb / 2P
Thermal Gap Filler
logo
Wurth Elektronik GmbH &...
40111020 WURTH-40111020 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40001050 WURTH-40001050 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40012020 WURTH-40012020 Datasheet
210Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
logo
Laird Tech Smart Techno...
RB300 LSTD-RB300 Datasheet
183Kb / 2P
Thermal Gap Filler
081621
logo
Wurth Elektronik GmbH &...
40004040 WURTH-40004040 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40101005 WURTH-40101005 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40105005 WURTH-40105005 Datasheet
291Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com