Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ED-5-2-24 Arkusz danych (PDF) - Highly Electric Co., Ltd

ED-5-2-24 Datasheet PDF - Highly Electric Co., Ltd
Numer części ED-5-2-24
Pobierz  ED-5-2-24 Pobierz
Rozmiar pliku   2905.71 Kbytes
Page   8 Pages
Producent  HIGHLY [Highly Electric Co., Ltd]
Strona internetowa  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd
Szczegółowy opis ED SERIES SAFETY LIMIT SWITCH

ED-5-2-24 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ED-5-2-24 Datasheet PDF - Highly Electric Co., Ltd

Numer części ED-5-2-24
Pobierz  ED-5-2-24 Click to download

Rozmiar pliku   2905.71 Kbytes
Page   8 Pages
Producent  HIGHLY [Highly Electric Co., Ltd]
Strona internetowa  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd
Szczegółowy opis ED SERIES SAFETY LIMIT SWITCH

ED-5-2-24 Arkusz danych (HTML) - Highly Electric Co., Ltd


ED-5-2-24 Szczegóły Produktu

Description
The ED series safety limit switches conform to EN 50047 and have been developed to provide a range of options including plastic
cases in various sizes, a choice of snap acting, slow break/make with 2 contact configurations and a choice of actuator heads.
The ED series offers the option of rotating the head in 90° increments before installation to allow ease of mounting.
Highly limit switches can be used in other applications other than guard doors, for example on moving machine beds, crane arms,
lifts, elevators, etc.
Operation of these limit switches is achieved by the sliding action of the guard or other moving object deflecting the plunger or lever.
For safety applications it is important that upon actuation, the guard or other moving objects should not pass completely over the
switch and allow the plunger or lever to return to its original position.

Features
•Conforms to EN (TUV) standards corresponding to the CE marking
•Positive opening operation of NC (Normally Closed) contacts conforming to
IEC /EN 60947-5-1
•Double insulation makes ground terminal unnecessary
(Bears marking)
•Wide standard operating temperature range: -25°C to 80°C
•Full range of actuator heads and levers suitable for safety applications
•Sealing up to IP 67
•Wide switch variations, (Snap action and slow action basic switches)
•International conduit sizes




Podobny numer części - ED-5-2-24

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Supertex, Inc
ED-5 SUTEX-ED-5 Datasheet
393Kb / 8P
Programmable Encoder Decoder
logo
Black Box Registered Tr...
ED-516 BLACKBOX-ED-516 Datasheet
1Mb / 6P
ED-516 ETHERNET TO Digital IO 16 Inputs
logo
Brainboxes Limited
ED-516 BRAINBOXE-ED-516 Datasheet
2Mb / 7P
SPRING LOADED DIN RAIL MOUNT 35MM WIDTH
logo
Black Box Registered Tr...
ED-527 BLACKBOX-ED-527 Datasheet
1Mb / 6P
ED-527 ETHERNET TO Digital IO 16 Outputs
logo
Brainboxes Limited
ED-527 BRAINBOXE-ED-527 Datasheet
2Mb / 7P
SPRING LOADED DIN RAIL MOUNT 35MM WIDTH
More results


Podobny opis - ED-5-2-24

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allen-Bradley
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
Safety Limit Switches
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
Safety Limit Switches
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
LIMIT SWITCH
EDR-1-1-20 HIGHLY-EDR-1-1-20 Datasheet
1Mb / 6P
EDR SERIES SAFETY LIMIT SWITCHES WITH RESET
EFM-L-3-20 HIGHLY-EFM-L-3-20 Datasheet
1Mb / 4P
EFM SERIES MINIATURE METAL SAFETY LIMIT SWITCH
EP-1-1-20 HIGHLY-EP-1-1-20 Datasheet
1Mb / 4P
EP SERIES SAFETY LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
LIMIT SWITCH
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com