Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDLM052402QC-290 Arkusz danych (PDF) - Teledyne Technologies Incorporated

TDLM052402QC-290 Datasheet PDF - Teledyne Technologies Incorporated
Numer części TDLM052402QC-290
Pobierz  TDLM052402QC-290 Pobierz
Rozmiar pliku   1238.95 Kbytes
Page   8 Pages
Producent  TELEDYNE [Teledyne Technologies Incorporated]
Strona internetowa  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Szczegółowy opis Quasi Active 2 kW PIN Diode Limiter Module - SMT

TDLM052402QC-290 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
TDLM052402QC-290 Datasheet PDF - Teledyne Technologies Incorporated

Numer części TDLM052402QC-290
Pobierz  TDLM052402QC-290 Click to download

Rozmiar pliku   1238.95 Kbytes
Page   8 Pages
Producent  TELEDYNE [Teledyne Technologies Incorporated]
Strona internetowa  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Szczegółowy opis Quasi Active 2 kW PIN Diode Limiter Module - SMT

TDLM052402QC-290 Arkusz danych (HTML) - Teledyne Technologies Incorporated


TDLM052402QC-290 Szczegóły Produktu

Features:
500 MHz to 4.0 GHz
+53 dBm+63 dBm+0.9 dB
13 dB17 dBm 0.5 ergs 8 mm x 5 mm x 2.5 mm
-No external control lines or power supply required
•Frequency Range:•High Average Power Handling:•High Peak Power Handling:•Low Insertion Loss:•Return Loss:•Low Flat Leakage Power:•Low Spike Energy Leakage:•Surface Mount Limiter Module :•dc Blocking Capacitors•“Always On Protection”•RoHS Compliant

Description:
The TDLM052402QC-290 SMT Silicon PIN Diode Limiter Modules offers “Always On” High Average Power
CW (up to +53dBm) and Peak (up to +63dBm) protection in the 500 MHz to 4.0 GHz frequency region, while
maintaining low Flat Leakage to less than 17 dBm (typ) and Spike leakage to less than 0.5 ergs (typ).
This Limiter Module is based on proven hybrid assembly technique utilized extensively in high reliability,
mission critical applications. The TDLM052402QC-290 offers excellent thermal characteristics in a compact,
low profile 8 mm x 5 mm x 2.5 mm package. It is designed for optimal small signal insertion loss permitting
extremely low receiver noise figure while simultaneously offering very low Flat Leakage under high power
conditions thereby offering excellent receiver protection across the 500 MHz to 4.0 GHz frequency range.




Podobny numer części - TDLM052402QC-290

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Teledyne Technologies I...
TDLM025100 TELEDYNE-TDLM025100 Datasheet
2Mb / 13P
RF Power Limiter, 10 MHz–2.5 GHz
11/2019
TDLM025100-00 TELEDYNE-TDLM025100-00 Datasheet
2Mb / 13P
RF Power Limiter, 10 MHz–2.5 GHz
11/2019
TDLM025100-01 TELEDYNE-TDLM025100-01 Datasheet
2Mb / 13P
RF Power Limiter, 10 MHz–2.5 GHz
11/2019
TDLM025100-11 TELEDYNE-TDLM025100-11 Datasheet
2Mb / 13P
RF Power Limiter, 10 MHz–2.5 GHz
11/2019
More results


Podobny opis - TDLM052402QC-290

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
MADL-011008 MA-COM-MADL-011008 Datasheet
109Kb / 4P
PIN Diode Limiter
MADL-011021-14150T MA-COM-MADL-011021-14150T Datasheet
866Kb / 5P
PIN-Schottky Anti-Parallel Diode Limiter
MADL-011008 MA-COM-MADL-011008_15 Datasheet
109Kb / 4P
PIN Diode Limiter
MADL-011021-14150T MA-COM-MADL-011021-14150T_15 Datasheet
866Kb / 5P
PIN-Schottky Anti-Parallel Diode Limiter
MADL-011021-14150T MA-COM-MADL-011021-14150T_16 Datasheet
876Kb / 6P
PIN-Schottky Anti-Parallel Diode Limiter
MSW203X-203 MA-COM-MSW203X-203 Datasheet
1Mb / 18P
SP2T Limiter PIN Diode Switch
MLP7130-0805-2 MA-COM-MLP7130-0805-2 Datasheet
642Kb / 5P
Silicon Limiter PIN Diode
MSWLM2420-242 MA-COM-MSWLM2420-242 Datasheet
936Kb / 12P
SP2T Limiter PIN Diode Switch
LM102202-H-C-301 MA-COM-LM102202-H-C-301 Datasheet
754Kb / 6P
PIN Diode Limiter
LM501202-M-C-300 MA-COM-LM501202-M-C-300 Datasheet
1Mb / 7P
PIN Diode Limiter
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com