Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI8410 Arkusz danych (PDF) - Skyworks Solutions Inc.

SI8410 Datasheet PDF - Skyworks Solutions Inc.
Numer części SI8410
Pobierz  SI8410 Pobierz
Rozmiar pliku   1001.68 Kbytes
Page   30 Pages
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Szczegółowy opis LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS

SI8410 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
SI8410 Datasheet PDF - Skyworks Solutions Inc.

Numer części SI8410
Pobierz  SI8410 Click to download

Rozmiar pliku   1001.68 Kbytes
Page   30 Pages
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Szczegółowy opis LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS

SI8410 Arkusz danych (HTML) - Skyworks Solutions Inc.


SI8410 Szczegóły Produktu

Features
 High-speed operation
DC to 150 Mbps
 No start-up initialization required
 Wide Operating Supply Voltage:
2.70–5.5 V
 Ultra low power (typical)
5 V Operation:
< 2.1 mA per channel at 1 Mbps
< 6 mA per channel at 100 Mbps
2.70 V Operation:
< 1.8 mA per channel at 1 Mbps
< 4 mA per channel at 100 Mbps
 High electromagnetic immunity
 Up to 2500 VRMS isolation
 60-year life at rated working
voltage
 Precise timing (typical)
<10 ns worst case
1.5 ns pulse width distortion
0.5 ns channel-channel skew
2 ns propagation delay skew
6 ns minimum pulse width
 Transient Immunity 25 kV/μs
 Wide temperature range
–40 to 125 °C at 150 Mbps
 RoHS-compliant packages
SOIC-8 narrow body




Podobny numer części - SI8410

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
List of Unclassifed Man...
SI8410 ETC2-SI8410 Datasheet
421Kb / 37P
LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
421Kb / 37P
LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI8410-A-IS SILABS-SI8410-A-IS Datasheet
571Kb / 26P
SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
SI8410-B-IS SILABS-SI8410-B-IS Datasheet
571Kb / 26P
SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
More results


Podobny opis - SI8410

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI8610 SILABS-SI8610 Datasheet
445Kb / 36P
LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI8420BB-D-IS SILABS-SI8420BB-D-IS Datasheet
335Kb / 30P
LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
Low-Power Dual Channel Digital Isolators
logo
List of Unclassifed Man...
SI8420AB ETC2-SI8420AB Datasheet
340Kb / 30P
LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI8421AD ETC2-SI8421AD Datasheet
421Kb / 37P
LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI8422AB-B-IS SILABS-SI8422AB-B-IS Datasheet
421Kb / 37P
LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI8610BB-B-IS SILABS-SI8610BB-B-IS Datasheet
766Kb / 38P
Low-Power Single and Dual-Channel Digital Isolators
SI861X SILABS-SI861X Datasheet
766Kb / 38P
Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI861X SKYWORKS-SI861X Datasheet
1Mb / 43P
Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com