Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CH7038B Arkusz danych (PDF) - Chrontel, Inc.

CH7038B Datasheet PDF - Chrontel, Inc.
Numer części CH7038B
Pobierz  CH7038B Pobierz
Rozmiar pliku   682.97 Kbytes
Page   23 Pages
Producent  CHRONTEL [Chrontel, Inc.]
Strona internetowa  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Szczegółowy opis Chrontel CH7038B Multi-Standard Display Interface Converter with Scaler

CH7038B Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
CH7038B Datasheet PDF - Chrontel, Inc.

Numer części CH7038B
Pobierz  CH7038B Click to download

Rozmiar pliku   682.97 Kbytes
Page   23 Pages
Producent  CHRONTEL [Chrontel, Inc.]
Strona internetowa  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.
Szczegółowy opis Chrontel CH7038B Multi-Standard Display Interface Converter with Scaler

CH7038B Arkusz danych (HTML) - Chrontel, Inc.


CH7038B Szczegóły Produktu

FEATURES GENERAL DESCRIPTION
 2 Lane DisplayPort Receiver and Transmitter
compliant with DisplayPort specification version
1.2 and Embedded DisplayPort (eDP) Specification
version 1.3. Optional HDCP version 1.4, Support
VESA and CEA timing standards up to 1920x1200
in 8-bit input with 60Hz refresh rate
 HDMI Receiver and Transmitter compliant with
HDMI 1.4 specification and DVI 1.0 specification.
 HDMI Receiver supports resolution up to 1080p,
and HDMI Transmitter supports resolution up to
4Kx2K. Support HDMI repeater function.
 Single / Dual channel LVDS 18 / 24 bits receiver
and Transmitter supports up to 165 Mpixels/s
 Support 16/18/24 bit parallel video input. Support
SDR, DDR, 2X and 3X input timing mode.
 Support BT656 and BT1120 input and output, with
embedded or separate sync mode
 Support DP/HDMI 3D input, and output DP/HDMI
with repacked 3D content, or output LVDS with
R/L View separately. Support LCD panel with
resolution up to 1920x1200@60Hz in 2D mode or
1366x768@120Hz in 3D mode
 Three on-chip 9-bit high speed DACs providing
flexible output capabilities. Such as single, double
or triple CVBS outputs, YPbPr output, RGB output
and simultaneous CVBS and S-video outputs
 VGA output is compliant with VESA VSIS v1r2
specification
 Support Component YPbPr output and analog RGB
(VGA) monitor up to 1900x 1200 or 1080P
 Advanced pin-multiplexed technology to support
multiple input/output display standards
 Support two independent display timing data
received simultaneously from two separated input
paths
 Advanced multi Picture-in-Picture (PIP) features
 OSD controller support
 Build-in flexible scaling engine. On-chip frame
buffer supports frame rate conversion,
upsize/downsize scaling and Image display rotation
/flip
 TV / Monitor connection detection capability.
 Support LCD panel protection and power
sequencing. PWM is available for controlling LCD
backlight brightness. Dynamic backlight dimming
to save power consumption Powerful image
enhancement engine embedded
 SPDIF audio interface supports either 16-bit or
20-bit stereo data with sampling rate up to
192kHz/2ch.
Chrontel CH7038B is an innovative display interface
product designed for embedded systems, consumer
electronics and computing in which conversions among
multiple high definition video/audio formats are required.
Built in with multiple differential receivers and
transmitters, a flexible scaling/overlay engine and
easy-to-use audio interfaces, the CH7038B can drive LCD
panels through either a single or dual channel LVDS/TTL
interface or a 1/2 lane DisplayPort interface. It can also
simultaneously output to external displays using standards
such as HDMI/DVI, YPbPr, VGA, CVBS or S-Video.
This device will help manufactures reduce design costs,
accelerate time-to-market and expand product features for
better user’s experience.
The CH7038B has four input and four output ports to
supports multiple display standards. Some ports are
multiplexed with different signal types to reduce pin
count. For example, the 24-bit wide digital port can be
programmed to receive LVDS or TTL signals and
supports various formats like RGB, BT1120, BT656, etc.
while the 8-bit port can accept HDMI or BT656 inputs.
The 2 Lane DP / eDP port stands alone because of its high
data transfer rate. The lower speed SPI port can interface
to external micro controller to display selectively
refreshed data.
A powerful per pixel scaler engine is integrated inside the
CH7038B. Together with its stacked 64Mb SDRAM, the
scaler can process input resolutions up to 1080P and
perform Frame Rate Conversion, Image Rotation/Flip and
flexible Video Zoom. It can overlay a scaled video onto
another bypassed graphics stream to achieve
picture-in-picture display. This would allow user to view
two display contents on a single monitor. The scaler also
supports chroma-key to overlay irregularly shaped video
with monochrome background onto a second video
stream. Though its MCU and SPI interface, external micro
controller can input complex OSD data into the overlay
buffer using the selective refresh mode. These features
make CH7038B an ideal solution to display multiple video
sources onto multiple displays.
Through a 4x2 input switch matrix, the device’s scaler can
be configured to simultaneously accept two separated
video formats with independent display timing. The input
combination can be mixed among the
TTL/BT1120/LVDS, the DP/eDP, the HDMI/BT656 and
the SPI interface input in either RGB format (RGB-565,
RGB-666 or RGB-888 and etc.) or YCrCb format (ITU-R
 Support 2 channel I2S digital audio input and 8(7.1)
channel output for up to 24-bit data stream
(32kHz/8ch, 44.1kHz/8ch, 48kHz/8ch,
88.2kHz/8ch, 96kHz/8ch, 176.4kHz/8ch and
192kHz/8ch)
 Supports LPCM, One Bit Audio, Dolby Digital,
DTS, DSD,HBR digital audio formats
 27MHz is available as crystal or oscillator clock
input frequency
 MCU embedded to handle the control logic
 Integrated EDID Buffer
 IO and SPC/SPD supply voltages from 1.8V to 3.3V
 Programmable power management
 Device fully programmable through serial port or
can automatically load firmware from EEPROM
 RoHS compliant and Halogen free package
 Offered in 196 pin BGA package or 176 pin LQFP
package
APPLICATIONS
 Docking Station
 Embedded System
 Notebook / Ultrabook
 Tablet Device
 IPTV Box
 Internet TV / SmartTV
 Video Conversion Cable / Adapter / Matrix
 DVR / Security field
 Stand Show / Medical Inspection Apparatus
601/656 and BT1120). A 2x4 output switch matrix can be
programmed to drive the various output ports
simultaneously with two kinds of independent timing.
The CH7038B supports 3D data structures defined by DP
and HDMI standards. The device can translate and repack
3D data when DP signals are converted to HDMI and vice
versa. 3D data can also be displayed as R/L frame via its
LVDS output.
The CH7038B’s DisplayPort receiver and transmitter are
designed to comply with DisplayPort Specification 1.2
and Embedded DisplayPort (eDP) Specification version
1.3. It provides support for one or two Main Link lanes
with data rate running at 1.62Gb/s or 2.7Gb/s. To further
optimize the display quality and power dissipation, this
device is equipped with seamless display refresh rate
switching and progressive to interlace timing switching
capabilities.
The CH7038B’s HDMI receiver and transmitter are
designed to meet HDMI Specification 1.4 and DVI
Specification 1.0. The transmitter performs serialization
and transmission of video/audio data up to 4Kx2K with
the internal powerful scaler engine. On-chip HDCP cipher
engine can be activated to protect the high definition
media content.
Dual channel LVDS receiver and transmitter are
incorporated into the CH7038B. The Panel protection
mechanism is also built in to switch off the LCD instantly
through device’s automated panel on/off sequences if
input data is missing or unstable. The backlight on/off
control can be configured through programming internal
registers. A built-in PWM generator can be used to adjust
display brightness and dimming of the LCD. Dithering
algorithm is implemented on chip in support of 18-bits
LCD panels.
To support legacy analog displays, three
high-performance 9-bit DACs along with separate
horizontal and vertical sync outputs are used. CH7038B
can output analog RGB signals for VGA monitor, YPrPb
for HDTV and CVBS / S-Video for SDTV.
To support local digital audio input and output, the device
has both SPDIF and 2-channel I²S digital audio interfaces.
Like the video signal path, the audio path can take inputs
from DP, HDMI, SPDIF and I2S sources and repack the
data for the chosen outputs. Its high fidelity audio engine
can handle sampling frequency for up to 192kS/s of stereo
and 7.1 audio. The SPDIF interface supports PCM
encoded data and compressed audio including Dolby
Digital and DTS.
In summary, the CH7038B is a general purpose display
interface converter. It is designed to handle both advanced
and legacy display interface standards. It can be used in
universal docking stations for phones, tablets, personal
computers, OTT and IOT devices for both the office and
the home markets.




Podobny numer części - CH7038B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chrontel, Inc.
CH7033B CHRONTEL-CH7033B Datasheet
218Kb / 9P
CH7033B HDTV/VGA/ DVI Encoder
Rev. 1.4 06/30/2020
CH7033B-BF CHRONTEL-CH7033B-BF Datasheet
218Kb / 9P
CH7033B HDTV/VGA/ DVI Encoder
Rev. 1.4 06/30/2020
CH7033B-BFI CHRONTEL-CH7033B-BFI Datasheet
218Kb / 9P
CH7033B HDTV/VGA/ DVI Encoder
Rev. 1.4 06/30/2020
CH7034B CHRONTEL-CH7034B Datasheet
215Kb / 9P
CH7034B HDTV/VGA/LVDS Encoder
Rev. 1.4 06/30/2020
CH7034B-BF CHRONTEL-CH7034B-BF Datasheet
215Kb / 9P
CH7034B HDTV/VGA/LVDS Encoder
Rev. 1.4 06/30/2020
More results


Podobny opis - CH7038B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
SAA7186 PHILIPS-SAA7186 Datasheet
223Kb / 44P
Digital video scaler
May 1993
logo
List of Unclassifed Man...
TW9903 ETC-TW9903 Datasheet
630Kb / 74P
TW9903-Multi-standard Video Decoder With High Quality Down Scaler
logo
National Semiconductor ...
DS90C2501 NSC-DS90C2501 Datasheet
650Kb / 48P
Transmitter with built-in scaler for LVDS Display Interface (LDI)
logo
List of Unclassifed Man...
CH7012 ETC-CH7012 Datasheet
551Kb / 42P
Chrontel CH7012 TV Output Device
logo
Samsung semiconductor
S5D4100X SAMSUNG-S5D4100X Datasheet
769Kb / 94P
Digital Interface Including Scaler, Image Enhancement
logo
AAEON Technology
DISKONMODULE AAEON-DISKONMODULE Datasheet
589Kb / 1P
Complies With Standard ATA Interface
logo
Tripp Lite. All Rights ...
P116-000-HDSC1 TRIPPLITE-P116-000-HDSC1 Datasheet
170Kb / 3P
VGA with Audio to HDMI Converter with Scaler function
logo
Chrontel, Inc.
CH7117B CHRONTEL-CH7117B Datasheet
214Kb / 8P
CH7117B HDMI to SDTV/HDTV/BT656/VGA Converter with Flexible Scaler
Rev 1.1 2020-6-30
CH7322B CHRONTEL-CH7322B Datasheet
221Kb / 18P
Chrontel CH7322B CEC
Rev. 2.0, 9/10/2015
logo
Richtek Technology Corp...
RTQ2134-QA RICHTEK-RTQ2134-QA Datasheet
2Mb / 50P
2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
May 2022
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com